Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6685 Datasheet (PDF) - Fairchild Semiconductor

FDD6685 Datasheet PDF - Fairchild Semiconductor
Part # FDD6685
Download  FDD6685 Download

File Size   116.54 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V P-Channel PowerTrench MOSFET

FDD6685 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD6685 Datasheet PDF - Fairchild Semiconductor

Part # FDD6685
Download  FDD6685 Click to download

File Size   116.54 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V P-Channel PowerTrench MOSFET

FDD6685 Datasheet (HTML) - Fairchild Semiconductor

FDD6685 Datasheet HTML 1Page - Fairchild Semiconductor FDD6685 Datasheet HTML 2Page - Fairchild Semiconductor FDD6685 Datasheet HTML 3Page - Fairchild Semiconductor FDD6685 Datasheet HTML 4Page - Fairchild Semiconductor FDD6685 Datasheet HTML 5Page - Fairchild Semiconductor FDD6685 Datasheet HTML 6Page - Fairchild Semiconductor

FDD6685 Product details

General Description

This  P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gave drive voltage ratings (4.5V –25V).



Features

·  –40A, –30 V.  RDS(ON)= 20 mW@ VGS= –10 V

                     RDS(ON)= 30 mW@ VGS= –4.5 V

·  Fast switching speed

·  High performance trench technology for extremely low RDS(ON)

·  High power and current handling capability

 




Similar Part No. - FDD6685

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDD6685 VBSEMI-FDD6685 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD6685 FAIRCHILD-FDD6685_11 Datasheet
187Kb / 6P
   30V P-Channel PowerTrench횘 MOSFET
More results


Similar Description - FDD6685

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com