Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG604 Datasheet (PDF) - Analog Devices

ADG604 Datasheet PDF - Analog Devices
Part # ADG604
Download  ADG604 Download

File Size   155.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer

ADG604 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG604 Datasheet PDF - Analog Devices

Part # ADG604
Download  ADG604 Click to download

File Size   155.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer

ADG604 Datasheet (HTML) - Analog Devices

Back Button ADG604 Datasheet HTML 1Page - Analog Devices ADG604 Datasheet HTML 2Page - Analog Devices ADG604 Datasheet HTML 3Page - Analog Devices ADG604 Datasheet HTML 4Page - Analog Devices ADG604 Datasheet HTML 5Page - Analog Devices ADG604 Datasheet HTML 6Page - Analog Devices ADG604 Datasheet HTML 7Page - Analog Devices ADG604 Datasheet HTML 8Page - Analog Devices ADG604 Datasheet HTML 9Page - Analog Devices ADG604 Datasheet HTML 10Page - Analog Devices Next Button 

ADG604 Product details

GENERAL DESCRIPTION
The ADG604 is a CMOS analog multiplexer, comprising four single channels. It operates from a dual supply of ± 2.7 V to ±5.5 V, or from a single supply of 2.7 V to 5.5 V.

FEATURES
    1 pC Charge Injection (Over the Full Signal Range)
    ±2.7 V to ±5.5 V Dual Supply
    2.7 V to 5.5 V Single Supply
    Temperature Range: –40°C to +125°C
    100 pA Max @ 25°C Leakage Currents
    85 Ω Typ On Resistance
    Rail-to-Rail Operation
    Fast Switching Times
    Typical Power Consumption (<0.1 μW)
    TTL/CMOS Compatible Inputs
    14-Lead TSSOP Package

APPLICATIONS
    Automatic Test Equipment
    Data Acquisition Systems
    Battery-Powered Instruments
    Communication Systems
    Sample and Hold Systems
    Remote-Powered Equipment
    Audio and Video Signal Routing
    Relay Replacement
    Avionics




Similar Part No. - ADG604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604YRU AD-ADG604YRU Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
More results


Similar Description - ADG604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Rev. A, 25-Jul-16
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. A, 24-Dec-07
DG604 VISHAY-DG604_11 Datasheet
215Kb / 12P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. C, 18-Jul-11
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com