Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3158 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A3158 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A3158
Download  PI5A3158 Download

File Size   475.66 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch

PI5A3158 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A3158 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A3158
Download  PI5A3158 Click to download

File Size   475.66 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch

PI5A3158 Datasheet (HTML) - Pericom Semiconductor Corporation

PI5A3158 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 7Page - Pericom Semiconductor Corporation

PI5A3158 Product details

Description
The PI5A3158 is a dual high-bandwidth, fast single-pole double-throw (SPDT) CMOS switch. It can be used as an analog switch or as a low-delay bus switch. Specified over a wide operating power supply voltage range, 1.65V to 5.5V, the PI5A3158 has a maximum On-Resistance of 12Ω at 1.65V, 9Ω at 2.3V & 6Ω at 4.5V.

Features
• CMOS Technology for Bus and Analog Applications
• Low On-Resistance: 8Ω at 3.0V
• Wide VCC Range: 1.65V to 5.5V
• Rail-to-Rail Signal Range
• Control Input Overvoltage Tolerance: 5.5V min.
• Fast Transition Speed: 5.2ns max. at 5V
• High Off Isolation: 57dB at 10MHz
• 54dB (10MHz) Crosstalk Rejection Reduces Signal Distortion
• Break-Before-Make Switching
• High Bandwidth: 250 MHz
• Extended Industrial Temperature Range: –40°C to 85°C
• Packaging (Pb-free & Green available):
    -12-contact TDFN (ZA)

Applications
• Cell Phones
• PDAs
• Portable Instrumentation
• Battery Powered Communications
• Computer Peripherals




Similar Part No. - PI5A3158

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158BZAEX PERICOM-PI5A3158BZAEX Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Similar Description - PI5A3158

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
logo
Pericom Semiconductor C...
PI5A3159 PERICOM-PI5A3159 Datasheet
604Kb / 10P
   SOTINYTM 1??Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com