Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8772 Datasheet (PDF) - Wolfson Microelectronics plc

WM8772 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8772
Download  WM8772 Download

File Size   678.23 Kbytes
Page   70 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL

WM8772 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8772 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8772
Download  WM8772 Click to download

File Size   678.23 Kbytes
Page   70 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL

WM8772 Datasheet (HTML) - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button 

WM8772 Product details

DESCRIPTION
The WM8772 is a multi-channel audio codec ideal for DVD and surround sound processing applications for home hi-fi, automotive and other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used. Digital audio output word lengths from 16-32 bits and sampling rates from 32kHz to 96kHz are supported. The 32-lead version allows separate ADC and DAC samples rates.

FEATURES
• Audio Performance
    − 103dB SNR (‘A’ weighted @ 48kHz) DAC
    − 100dB SNR (‘A’ weighted @ 48kHz) ADC (TQFP)
• DAC Sampling Frequency: 8kHz – 192kHz
• ADC Sampling Frequency: 32kHz – 96kHz
• ADC and DAC can run at different sample rates (32 pin TQFP version only)
• 3-Wire SPI Serial or Hardware Control Interface
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified or DSP
    − 16/20/24/32 bit Word Lengths
• Three Independent stereo DAC outputs with independent digital volume controls
• Master or Slave Audio Data Interface
• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
• 28 pin SSOP or 32 pin TQFP Package

APPLICATIONS
• DVD Players
• Surround Sound AV Processors and Hi-Fi systems
• Automotive Audio




Similar Part No. - WM8772

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8772 WOLFSON-WM8772 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772SEDS/RV WOLFSON-WM8772SEDS/RV Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772SEDS/V WOLFSON-WM8772SEDS/V Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
More results


Similar Description - WM8772

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
   24-bit, 192kHz 6-Channel DAC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
   24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
   24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
   24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com