Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA17805T Datasheet (PDF) - Rohm

BA17805T Datasheet PDF - Rohm
Part # BA17805T
Download  BA17805T Download

File Size   122.39 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Standard 78 series, 3-pin regulator

BA17805T Datasheet (PDF)

Go To PDF Page Download Datasheet
BA17805T Datasheet PDF - Rohm

Part # BA17805T
Download  BA17805T Click to download

File Size   122.39 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Standard 78 series, 3-pin regulator

BA17805T Datasheet (HTML) - Rohm

Back Button BA17805T Datasheet HTML 1Page - Rohm BA17805T Datasheet HTML 2Page - Rohm BA17805T Datasheet HTML 3Page - Rohm BA17805T Datasheet HTML 4Page - Rohm BA17805T Datasheet HTML 5Page - Rohm BA17805T Datasheet HTML 6Page - Rohm BA17805T Datasheet HTML 7Page - Rohm BA17805T Datasheet HTML 8Page - Rohm BA17805T Datasheet HTML 9Page - Rohm BA17805T Datasheet HTML 10Page - Rohm Next Button 

BA17805T Product details

The BA178!!T and BA178!!FP series are 3pin fixed positive output voltage regulators. These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
There are 11 fixed output voltages, as follows : 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, and 24V. The maximum current capacity is 1A for each of the above voltages.

Features
1) Built-in overcurrent protection circuit and thermal shutdown circuit.
2) Excellent ripple regulation.
3) Available in TO220FP and TO252-3 packages, to meet wide range of applications.
4) Compatible with other manufacturers regulators.
5) Richly diverse lineup (5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V).

Application
    Constant voltage power supply




Similar Part No. - BA17805T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17805T ROHM-BA17805T Datasheet
244Kb / 6P
   Three-Terminal Regulator
More results


Similar Description - BA17805T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA178M00T ROHM-BA178M00T Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com