Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1101B Datasheet (PDF) - Tripath Technology Inc.

TA1101B Datasheet PDF - Tripath Technology Inc.
Part # TA1101B
Download  TA1101B Download

File Size   202.38 Kbytes
Page   13 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology

TA1101B Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1101B Datasheet PDF - Tripath Technology Inc.

Part # TA1101B
Download  TA1101B Click to download

File Size   202.38 Kbytes
Page   13 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology

TA1101B Datasheet (HTML) - Tripath Technology Inc.

Back Button TA1101B Datasheet HTML 1Page - Tripath Technology Inc. TA1101B Datasheet HTML 2Page - Tripath Technology Inc. TA1101B Datasheet HTML 3Page - Tripath Technology Inc. TA1101B Datasheet HTML 4Page - Tripath Technology Inc. TA1101B Datasheet HTML 5Page - Tripath Technology Inc. TA1101B Datasheet HTML 6Page - Tripath Technology Inc. TA1101B Datasheet HTML 7Page - Tripath Technology Inc. TA1101B Datasheet HTML 8Page - Tripath Technology Inc. TA1101B Datasheet HTML 9Page - Tripath Technology Inc. TA1101B Datasheet HTML 10Page - Tripath Technology Inc. Next Button 

TA1101B Product details

General Description
The TA1101B is a 10W continuous average two-channel Class-T Digital Audio Power Amplifier IC using Tripath’s proprietary Digital Power Processing™ technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.

Features
➤ Class-T architecture
➤ Single Supply Operation
➤ “Audiophile” Quality Sound
    ➤ 0.04% THD+N @ 9W, 4Ω
    ➤ 0.18% IHF-IM @ 1W, 4Ω
    ➤ 6W @ 8Ω, 0.1% THD+N
    ➤ 11W @ 4Ω, 0.1% THD+N
➤ High Power
    ➤ 10W @ 8Ω, 10% THD+N
    ➤ 15W @ 4Ω, 10% THD+N
➤ High Efficiency
    ➤ 88% @ 10W, 8Ω
    ➤ 81% @ 15W, 4Ω
➤ Dynamic Range = 102 dB
➤ Mute and Sleep inputs
➤ Turn-on & turn-off pop suppression
➤ Over-current protection
➤ Over-temperature protection
➤ Bridged outputs
➤ 30-pin Power SOP package

Applications
➤ Computer/PC Multimedia
➤ DVD Players
➤ Cable Set-Top Products
➤ Televisions
➤ Video CD Players
➤ Battery Powered Systems

Benefits
➤ Fully integrated solution with FETs
➤ Easier to design-in than Class-D
➤ Reduced system cost with no heat sink
➤ Dramatically improves efficiency versus Class-AB
➤ Signal fidelity equal to high quality linear amplifiers
➤ High dynamic range compatible with digital media such as CD, DVD, and Internet audio




Similar Part No. - TA1101B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1101A TAI-SAW-TA1101A Datasheet
393Kb / 7P
   SAW Filter 1620.75 MHz
logo
Golledge Electronics Lt...
TA1101A GOLLEDGE-TA1101A Datasheet
63Kb / 6P
   SAW Filter 1620.750MHz
More results


Similar Description - TA1101B

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com