Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311BN Datasheet (PDF) - NXP Semiconductors

LM311BN Datasheet PDF - NXP Semiconductors
Part # LM311BN
Download  LM311BN Download

File Size   86.83 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage comparator

LM311BN Datasheet (PDF)

Go To PDF Page Download Datasheet
LM311BN Datasheet PDF - NXP Semiconductors

Part # LM311BN
Download  LM311BN Click to download

File Size   86.83 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage comparator

LM311BN Datasheet (HTML) - NXP Semiconductors

LM311BN Datasheet HTML 1Page - NXP Semiconductors LM311BN Datasheet HTML 2Page - NXP Semiconductors LM311BN Datasheet HTML 3Page - NXP Semiconductors LM311BN Datasheet HTML 4Page - NXP Semiconductors LM311BN Datasheet HTML 5Page - NXP Semiconductors LM311BN Datasheet HTML 6Page - NXP Semiconductors LM311BN Datasheet HTML 7Page - NXP Semiconductors LM311BN Datasheet HTML 8Page - NXP Semiconductors

LM311BN Product details

DESCRIPTION
The LM111 series are voltage comparators that have input currents approximately a hundred times lower than devices like the µA710. They are designed to operate over a wider range of supply voltages; from standard ±15 V op amp supplies down to a single 3 V supply.
Their output is compatible with RTL, DTL, and TTL as well as MOS circuits. Further, they can drive lamps or relays, switching voltages up to 50 V at currents as high as 50mA.
Both the inputs and the outputs of the LM111 series can be isolated from system ground, and the output can drive loads referred to ground, the positive supply, or the negative supply. Offset balancing and strobe capability are provided and outputs can be wire-ORed. Although slower than the µA710 (200 ns response time versus 40 ns), the devices are also much less prone to spurious oscillations. The LM111 series has the same pin configuration as the µA710 series.

FEATURES
• Operates from single 3 V supply (LM311B)
• Maximum input bias current: 150 nA (LM311: 250 nA)
• Maximum offset current: 20 nA (LM311: 50 nA)
• Differential input voltage range: ±30 V
• Power consumption: 135 mW at ±15 V
• High sensitivity: 200 V/mV
• Zero crossing detector

APPLICATIONS
• Precision squarer
• Positive/negative peak detector
• Low voltage adjustable reference supply
• Switching power amplifier




Similar Part No. - LM311BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM311BN PHILIPS-LM311BN Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
More results


Similar Description - LM311BN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com