Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-0539Z Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HFBR-0539Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HFBR-0539Z
Download  HFBR-0539Z Download

File Size   118.46 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC to 12 MBd Profibus 650 nm Fiber Optics Eval Kit

HFBR-0539Z Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR-0539Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0539Z
Download  HFBR-0539Z Click to download

File Size   118.46 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC to 12 MBd Profibus 650 nm Fiber Optics Eval Kit

HFBR-0539Z Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

HFBR-0539Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-0539Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED

HFBR-0539Z Product details

Introduction
HFBR-0539Z evaluation kit is used to evaluate Avago fber optic device HFBR-1515BZ and HFBR-2515BZ. The evaluation kit is equipped with necessary documents and accessories to ease product evaluation and verifcation.

Evaluation Kit
HFBR-0539Z contains:
1. Evaluation board
2. HFBR-1515BZ and HFBR-2515BZ unit
3. HCS® Cable with ST connector
4. HFBR-1515BZ /2515BZ datasheet
5. User guide document




Similar Part No. - HFBR-0539Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0534 AVAGO-HFBR-0534 Datasheet
183Kb / 3P
   On board potentiometer to adjust the voltage to the SFP for 2.64 to 3.65 V
logo
Broadcom Corporation.
HFBR-0534 BOARDCOM-HFBR-0534 Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0538Z AVAGO-HFBR-0538Z Datasheet
117Kb / 2P
   DC to 2 MBd Interbus 650 nm Fiber Optics Eval Kit
More results


Similar Description - HFBR-0539Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0538Z AVAGO-HFBR-0538Z Datasheet
117Kb / 2P
   DC to 2 MBd Interbus 650 nm Fiber Optics Eval Kit
HFBR-3810MSZ AVAGO-HFBR-3810MSZ Datasheet
145Kb / 6P
   650 nm Fiber Optics Link for DC to 10Mbaud
logo
Broadcom Corporation.
HFBR-3810Z BOARDCOM-HFBR-3810Z Datasheet
791Kb / 8P
   650 nm Fiber Optics Link for DC to 10 Mbaud
AFBR-0553Z BOARDCOM-AFBR-0553Z Datasheet
855Kb / 7P
   DC-to-50 MBd 650-nm Link with RSSI Versatile Link Fiber Optic Evaluation Kit
logo
WAGO Kontakttechnik Gmb...
750-343 WAGO-750-343 Datasheet
492Kb / 12P
   Fieldbus Coupler PROFIBUS DP; 12 MBd; ECO
750-303 WAGO-750-303 Datasheet
475Kb / 13P
   Fieldbus Coupler PROFIBUS DP; 1st Generation; 12 MBd
750-331 WAGO-750-331 Datasheet
406Kb / 11P
   Fieldbus Coupler PROFIBUS DP; Fiber-optic connection; 1.5 MBd
750-333 WAGO-750-333 Datasheet
639Kb / 12P
   Fieldbus Coupler PROFIBUS DP; 2nd Generation; 12 MBd; Extreme
750-333-040-000 WAGO-750-333-040-000 Datasheet
639Kb / 12P
   Fieldbus Coupler PROFIBUS DP; 2nd Generation; 12 MBd; Extreme
logo
ams AG
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
   Eval Kit Manual
2017-Dec-01
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com