Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-0538Z Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HFBR-0538Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HFBR-0538Z
Download  HFBR-0538Z Download

File Size   117.75 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC to 2 MBd Interbus 650 nm Fiber Optics Eval Kit

HFBR-0538Z Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR-0538Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0538Z
Download  HFBR-0538Z Click to download

File Size   117.75 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC to 2 MBd Interbus 650 nm Fiber Optics Eval Kit

HFBR-0538Z Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

HFBR-0538Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-0538Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - HFBR-0538Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0534 AVAGO-HFBR-0534 Datasheet
183Kb / 3P
   On board potentiometer to adjust the voltage to the SFP for 2.64 to 3.65 V
logo
Broadcom Corporation.
HFBR-0534 BOARDCOM-HFBR-0534 Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0539Z AVAGO-HFBR-0539Z Datasheet
118Kb / 2P
   DC to 12 MBd Profibus 650 nm Fiber Optics Eval Kit
More results


Similar Description - HFBR-0538Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0539Z AVAGO-HFBR-0539Z Datasheet
118Kb / 2P
   DC to 12 MBd Profibus 650 nm Fiber Optics Eval Kit
HFBR-3810MSZ AVAGO-HFBR-3810MSZ Datasheet
145Kb / 6P
   650 nm Fiber Optics Link for DC to 10Mbaud
logo
Broadcom Corporation.
HFBR-3810Z BOARDCOM-HFBR-3810Z Datasheet
791Kb / 8P
   650 nm Fiber Optics Link for DC to 10 Mbaud
AFBR-0553Z BOARDCOM-AFBR-0553Z Datasheet
855Kb / 7P
   DC-to-50 MBd 650-nm Link with RSSI Versatile Link Fiber Optic Evaluation Kit
logo
ams AG
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
   Eval Kit Manual
2017-Dec-01
logo
PHOENIX CONTACT
7181 PHOENIX-7181 Datasheet
256Kb / 11P
   Inline Branch Terminal for an INTERBUS Remote Bus; Connections Using Fiber Optics
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
MT108L-UR3 MARKTECH-MT108L-UR3 Datasheet
103Kb / 2P
   Fiber Optics
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com