Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-UFB80FA40 Datasheet (PDF) - Vishay Siliconix

VS-UFB80FA40 Datasheet PDF - Vishay Siliconix
Part # VS-UFB80FA40
Download  VS-UFB80FA40 Download

File Size   140.15 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 80 A

VS-UFB80FA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-UFB80FA40 Datasheet PDF - Vishay Siliconix

Part # VS-UFB80FA40
Download  VS-UFB80FA40 Click to download

File Size   140.15 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 80 A

VS-UFB80FA40 Datasheet (HTML) - Vishay Siliconix

VS-UFB80FA40 Datasheet HTML 1Page - Vishay Siliconix VS-UFB80FA40 Datasheet HTML 2Page - Vishay Siliconix VS-UFB80FA40 Datasheet HTML 3Page - Vishay Siliconix VS-UFB80FA40 Datasheet HTML 4Page - Vishay Siliconix VS-UFB80FA40 Datasheet HTML 5Page - Vishay Siliconix VS-UFB80FA40 Datasheet HTML 6Page - Vishay Siliconix

VS-UFB80FA40 Product details

• Two fully independent diodes
• Fully insulated package
• Ultrafast, soft reverse recovery, with high
operation junction temperature (TJ max. = 175 °C)
• Low forward voltage drop
• Optimized for power conversion: welding and industrial
SMPS applications
• Easy to use and parallel
• Industry standard outline
• UL approved file E78996
• Designed and qualified for industrial leve




Similar Part No. - VS-UFB80FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFB80FA40 VISHAY-VS-UFB80FA40 Datasheet
165Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA40 VISHAY-VS-UFB80FA40 Datasheet
164Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2023
VS-UFB80FA40 VISHAY-VS-UFB80FA40_V01 Datasheet
165Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA40 VISHAY-VS-UFB80FA40_V02 Datasheet
164Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2023
More results


Similar Description - VS-UFB80FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFL80FA60 VISHAY-VS-UFL80FA60_V02 Datasheet
170Kb / 8P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2023
VS-UFL80FA60 VISHAY-VS-UFL80FA60 Datasheet
157Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 31-May-16
VS-UFB80FA60 VISHAY-VS-UFB80FA60 Datasheet
144Kb / 6P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 31-May-16
UFB80FA20 VISHAY-UFB80FA20 Datasheet
110Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 12-May-11
VS-UFB80FA20 VISHAY-VS-UFB80FA20_V01 Datasheet
169Kb / 8P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA40 VISHAY-VS-UFB80FA40_V01 Datasheet
165Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA60 VISHAY-VS-UFB80FA60_V02 Datasheet
168Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2023
VS-UFB80FA60 VISHAY-VS-UFB80FA60_V01 Datasheet
169Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA20 VISHAY-VS-UFB80FA20 Datasheet
144Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 31-Mar-16
VS-UFL80FA60 VISHAY-VS-UFL80FA60_V01 Datasheet
171Kb / 8P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com