Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-UFB250FA60 Datasheet (PDF) - Vishay Siliconix

VS-UFB250FA60 Datasheet PDF - Vishay Siliconix
Part # VS-UFB250FA60
Download  VS-UFB250FA60 Download

File Size   153.31 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 250 A

VS-UFB250FA60 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-UFB250FA60 Datasheet PDF - Vishay Siliconix

Part # VS-UFB250FA60
Download  VS-UFB250FA60 Click to download

File Size   153.31 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 250 A

VS-UFB250FA60 Datasheet (HTML) - Vishay Siliconix

VS-UFB250FA60 Datasheet HTML 1Page - Vishay Siliconix VS-UFB250FA60 Datasheet HTML 2Page - Vishay Siliconix VS-UFB250FA60 Datasheet HTML 3Page - Vishay Siliconix VS-UFB250FA60 Datasheet HTML 4Page - Vishay Siliconix VS-UFB250FA60 Datasheet HTML 5Page - Vishay Siliconix VS-UFB250FA60 Datasheet HTML 6Page - Vishay Siliconix VS-UFB250FA60 Datasheet HTML 7Page - Vishay Siliconix

VS-UFB250FA60 Product details

• Two fully independent diodes
• Fully insulated package
• Ultrafast, soft reverse recovery, with high
operation junction temperature (TJ max. = 175 °C)
• Very low forward voltage drop
• Optimized for power conversion: welding and industrial
SMPS applications
• Easy to use and parallel
• Industry standard outline
• UL approved file E78996
• Designed and qualified for industrial level




Similar Part No. - VS-UFB250FA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFB250FA60 VISHAY-VS-UFB250FA60 Datasheet
155Kb / 8P
   Insulated Ultrafast Rectifier Module, 250 A
01-Jan-2022
VS-UFB250FA60 VISHAY-VS-UFB250FA60 Datasheet
154Kb / 8P
   Insulated Ultrafast Rectifier Module, 250 A
01-Jan-2023
VS-UFB250FA60 VISHAY-VS-UFB250FA60_V01 Datasheet
155Kb / 8P
   Insulated Ultrafast Rectifier Module, 250 A
01-Jan-2022
VS-UFB250FA60 VISHAY-VS-UFB250FA60_V02 Datasheet
154Kb / 8P
   Insulated Ultrafast Rectifier Module, 250 A
01-Jan-2023
More results


Similar Description - VS-UFB250FA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFB250FA60 VISHAY-VS-UFB250FA60_V02 Datasheet
154Kb / 8P
   Insulated Ultrafast Rectifier Module, 250 A
01-Jan-2023
VS-UFB250FA60 VISHAY-VS-UFB250FA60_V01 Datasheet
155Kb / 8P
   Insulated Ultrafast Rectifier Module, 250 A
01-Jan-2022
VS-UFL250CB60 VISHAY-VS-UFL250CB60 Datasheet
264Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
Revision: 31-May-16
VS-UFL250CB60 VISHAY-VS-UFL250CB60_V01 Datasheet
155Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
01-Jan-2022
VS-UFL250CB60 VISHAY-VS-UFL250CB60_V02 Datasheet
154Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
01-Jan-2023
VS-UFB120FA20P VISHAY-VS-UFB120FA20P Datasheet
142Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 07-May-08
UFL200FA60P VISHAY-UFL200FA60P Datasheet
156Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 21-Jul-10
UFB200FA40P VISHAY-UFB200FA40P_V01 Datasheet
139Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
02-Oct-12
VS-UFB130FA60 VISHAY-VS-UFB130FA60_V02 Datasheet
170Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com