Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKCS220 Datasheet (PDF) - Vishay Siliconix

VS-VSKCS220 Datasheet PDF - Vishay Siliconix
Part # VS-VSKCS220
Download  VS-VSKCS220 Download

File Size   926.57 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A

VS-VSKCS220 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSKCS220 Datasheet PDF - Vishay Siliconix

Part # VS-VSKCS220
Download  VS-VSKCS220 Click to download

File Size   926.57 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A

VS-VSKCS220 Datasheet (HTML) - Vishay Siliconix

VS-VSKCS220 Datasheet HTML 1Page - Vishay Siliconix VS-VSKCS220 Datasheet HTML 2Page - Vishay Siliconix VS-VSKCS220 Datasheet HTML 3Page - Vishay Siliconix VS-VSKCS220 Datasheet HTML 4Page - Vishay Siliconix VS-VSKCS220 Datasheet HTML 5Page - Vishay Siliconix VS-VSKCS220 Datasheet HTML 6Page - Vishay Siliconix VS-VSKCS220 Datasheet HTML 7Page - Vishay Siliconix

VS-VSKCS220 Product details

ELECTRICAL DESCRIPTION / APPLICATIONS
The VS-VSKCS220/030 Schottky rectifier common cathode has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. 
Typical applications are in high current switching power supplies, plating power supplies, UPS systems, converters, freewheeling diodes, welding, and reverse battery protection.

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL approved file E78996
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

BENEFITS
• Excellent thermal performances obtained by the usage of
   exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink




Similar Part No. - VS-VSKCS220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKCS220 VISHAY-VS-VSKCS220 Datasheet
180Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
01-Jan-2022
VS-VSKCS220-030 VISHAY-VS-VSKCS220-030 Datasheet
180Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
01-Jan-2022
VS-VSKCS220 VISHAY-VS-VSKCS220_V01 Datasheet
180Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
01-Jan-2022
More results


Similar Description - VS-VSKCS220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440 Datasheet
145Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
Revision: 19-Mar-14
VS-VSKCS400 VISHAY-VS-VSKCS400 Datasheet
941Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKCS401 VISHAY-VS-VSKCS401 Datasheet
908Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKCS408 VISHAY-VS-VSKCS408 Datasheet
931Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKJS409 VISHAY-VS-VSKJS409 Datasheet
136Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 21-Mar-14
VS-VSKCS440 VISHAY-VS-VSKCS440 Datasheet
926Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
Revision: 28-Sep-15
VS-VSKDS201 VISHAY-VS-VSKDS201 Datasheet
176Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 100 A
Revision: 23-May-16
VS-VSKDS408 VISHAY-VS-VSKDS408 Datasheet
968Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
Revision: 28-Sep-15
VS-VSKJS440 VISHAY-VS-VSKJS440 Datasheet
140Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
Revision: 19-Mar-14
VS-VSKCS201 VISHAY-VS-VSKCS201 Datasheet
756Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
Revision: 28-Sep-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com