Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKD600 Datasheet (PDF) - Vishay Siliconix

VS-VSKD600 Datasheet PDF - Vishay Siliconix
Part # VS-VSKD600
Download  VS-VSKD600 Download

File Size   261.63 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)

VS-VSKD600 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSKD600 Datasheet PDF - Vishay Siliconix

Part # VS-VSKD600
Download  VS-VSKD600 Click to download

File Size   261.63 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)

VS-VSKD600 Datasheet (HTML) - Vishay Siliconix

VS-VSKD600 Datasheet HTML 1Page - Vishay Siliconix VS-VSKD600 Datasheet HTML 2Page - Vishay Siliconix VS-VSKD600 Datasheet HTML 3Page - Vishay Siliconix VS-VSKD600 Datasheet HTML 4Page - Vishay Siliconix VS-VSKD600 Datasheet HTML 5Page - Vishay Siliconix VS-VSKD600 Datasheet HTML 6Page - Vishay Siliconix VS-VSKD600 Datasheet HTML 7Page - Vishay Siliconix VS-VSKD600 Datasheet HTML 8Page - Vishay Siliconix

VS-VSKD600 Product details

• High current capability
• High surge capability
• High voltage ratings up to 2000 V
• 3000 VRMS isolating voltage with non-toxic substrate
• Industrial standard package
• UL approved file E78996




Similar Part No. - VS-VSKD600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
VS-VSKD600-08PBF VISHAY-VS-VSKD600-08PBF Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
VS-VSKD600-12PBF VISHAY-VS-VSKD600-12PBF Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
VS-VSKD600-16PBF VISHAY-VS-VSKD600-16PBF Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
VS-VSKD600-20PBF VISHAY-VS-VSKD600-20PBF Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
More results


Similar Description - VS-VSKD600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
   Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com