Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA466EDJ Datasheet (PDF) - Vishay Siliconix

SIA466EDJ Datasheet PDF - Vishay Siliconix
Part # SIA466EDJ
Download  SIA466EDJ Download

File Size   260.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) MOSFET

SIA466EDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SIA466EDJ Datasheet PDF - Vishay Siliconix

Part # SIA466EDJ
Download  SIA466EDJ Click to download

File Size   260.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) MOSFET

SIA466EDJ Datasheet (HTML) - Vishay Siliconix

SIA466EDJ Datasheet HTML 1Page - Vishay Siliconix SIA466EDJ Datasheet HTML 2Page - Vishay Siliconix SIA466EDJ Datasheet HTML 3Page - Vishay Siliconix SIA466EDJ Datasheet HTML 4Page - Vishay Siliconix SIA466EDJ Datasheet HTML 5Page - Vishay Siliconix SIA466EDJ Datasheet HTML 6Page - Vishay Siliconix SIA466EDJ Datasheet HTML 7Page - Vishay Siliconix SIA466EDJ Datasheet HTML 8Page - Vishay Siliconix SIA466EDJ Datasheet HTML 9Page - Vishay Siliconix

SIA466EDJ Product details

• TrenchFET® power MOSFET
• Thermally enhanced PowerPAK® SC-70 package
- Small footprint area
- Low on-resistance
• Typical ESD protection: 2500 V (HBM)
• 100 % Rg Tested




Similar Part No. - SIA466EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIA466EDJ TFUNK-SIA466EDJ Datasheet
256Kb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA466EDJ VISHAY-SIA466EDJ_V01 Datasheet
259Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results


Similar Description - SIA466EDJ

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com