Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XA-G39 Datasheet (PDF) - NXP Semiconductors

XA-G39 Datasheet PDF - NXP Semiconductors
Part # XA-G39
Download  XA-G39 Download

File Size   217.43 Kbytes
Page   42 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs

XA-G39 Datasheet (PDF)

Go To PDF Page Download Datasheet
XA-G39 Datasheet PDF - NXP Semiconductors

Part # XA-G39
Download  XA-G39 Click to download

File Size   217.43 Kbytes
Page   42 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs

XA-G39 Datasheet (HTML) - NXP Semiconductors

Back Button XA-G39 Datasheet HTML 1Page - NXP Semiconductors XA-G39 Datasheet HTML 2Page - NXP Semiconductors XA-G39 Datasheet HTML 3Page - NXP Semiconductors XA-G39 Datasheet HTML 4Page - NXP Semiconductors XA-G39 Datasheet HTML 5Page - NXP Semiconductors XA-G39 Datasheet HTML 6Page - NXP Semiconductors XA-G39 Datasheet HTML 7Page - NXP Semiconductors XA-G39 Datasheet HTML 8Page - NXP Semiconductors XA-G39 Datasheet HTML 9Page - NXP Semiconductors XA-G39 Datasheet HTML 10Page - NXP Semiconductors Next Button 

XA-G39 Product details

GENERAL DESCRIPTION
The XA-G39 is a member of Philips’ 80C51 XA (eXtended Architecture) family of high performance 16-bit single-chip microcontrollers.

FEATURES
• 32 kbytes of on-chip Flash program memory with In-System Programming capability
• Three Flash blocks = two 8 kbyte blocks and one 16 kbyte block
• Provides Flash solution for XA-G37 (OTP) designs
• Single supply voltage In-System Programming (ISP) of the Flash memory (VPP = VDD, or VPP = 12 V if desired)
• Boot ROM contains low level Flash programming routines for In-Application Programming and a default serial loader using the UART
• 1024 bytes of on-chip data RAM
• Supports off-chip program and data addressing up to 1 megabyte (20 address lines)
• Three standard counter/timers with enhanced features (same as XA-G3 T0, T1, and T2). All timers have a toggle output capability
• Watchdog timer
• Two enhanced UARTs with independent baud rates
• Seven software interrupts
• Four 8-bit I/O ports, with 4 programmable output configurations for each pin
• 30 MHz operating frequency at 5 V
• Power saving operating modes: Idle and Power-Down. Wake-Up from power-down via an external interrupt is supported.
• 44-pin PLCC package




Similar Part No. - XA-G39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
More results


Similar Description - XA-G39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
   NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com