Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP-3232DZ-51 Datasheet (PDF) - Vishay Siliconix

IHLP-3232DZ-51 Datasheet PDF - Vishay Siliconix
Part # IHLP-3232DZ-51
Download  IHLP-3232DZ-51 Download

File Size   302.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Profile, High Current IHLP® Inductors

IHLP-3232DZ-51 Datasheet (PDF)

Go To PDF Page Download Datasheet
IHLP-3232DZ-51 Datasheet PDF - Vishay Siliconix

Part # IHLP-3232DZ-51
Download  IHLP-3232DZ-51 Click to download

File Size   302.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Profile, High Current IHLP® Inductors

IHLP-3232DZ-51 Datasheet (HTML) - Vishay Siliconix

IHLP-3232DZ-51 Datasheet HTML 1Page - Vishay Siliconix IHLP-3232DZ-51 Datasheet HTML 2Page - Vishay Siliconix IHLP-3232DZ-51 Datasheet HTML 3Page - Vishay Siliconix IHLP-3232DZ-51 Datasheet HTML 4Page - Vishay Siliconix IHLP-3232DZ-51 Datasheet HTML 5Page - Vishay Siliconix IHLP-3232DZ-51 Datasheet HTML 6Page - Vishay Siliconix

IHLP-3232DZ-51 Product details

FEATURES
• Shielded construction
• Excellent DC/DC energy storage up to 1 MHz to
   2 MHz. Filter inductor applications up to SRF
   (see “Standard Electrical Specifications” table)
• High temperature, up to 155 °C
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without
   saturation
• Ultra low buzz noise, due to composite construction
• IHLP design. PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

APPLICATIONS
• PDA / notebook / desktop / server applications
• High current POL converters
• Low profile, high current power supplies
• Battery powered devices
• DC/DC converters in distributed power systems
• DC/DC converter for Field Programmable Gate Array (FPGA)




Similar Part No. - IHLP-3232DZ-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-3232DZ-51 VISHAY-IHLP-3232DZ-51 Datasheet
302Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
Revision: 12-Jul-17
IHLP-3232DZ-51 VISHAY-IHLP-3232DZ-51 Datasheet
340Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
01-Jan-2022
IHLP-3232DZ-51 VISHAY-IHLP-3232DZ-51_17 Datasheet
302Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
Revision: 12-Jul-17
IHLP-3232DZ-51 VISHAY-IHLP-3232DZ-51_V01 Datasheet
340Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
01-Jan-2022
More results


Similar Description - IHLP-3232DZ-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP6767GZER220M11 VISHAY-IHLP6767GZER220M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 30-Aug-10
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com