Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSMD400AW60 Datasheet (PDF) - Vishay Siliconix

VS-VSMD400AW60 Datasheet PDF - Vishay Siliconix
Part # VS-VSMD400AW60
Download  VS-VSMD400AW60 Download

File Size   173.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes, 400 A

VS-VSMD400AW60 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSMD400AW60 Datasheet PDF - Vishay Siliconix

Part # VS-VSMD400AW60
Download  VS-VSMD400AW60 Click to download

File Size   173.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes, 400 A

VS-VSMD400AW60 Datasheet (HTML) - Vishay Siliconix

VS-VSMD400AW60 Datasheet HTML 1Page - Vishay Siliconix VS-VSMD400AW60 Datasheet HTML 2Page - Vishay Siliconix VS-VSMD400AW60 Datasheet HTML 3Page - Vishay Siliconix VS-VSMD400AW60 Datasheet HTML 4Page - Vishay Siliconix VS-VSMD400AW60 Datasheet HTML 5Page - Vishay Siliconix VS-VSMD400AW60 Datasheet HTML 6Page - Vishay Siliconix

VS-VSMD400AW60 Product details

• Standard rectifier
• Popular series for rough service
• Cathode and anode to base available
• UL approved file E222165
• Designed and qualified for industrial level




Similar Part No. - VS-VSMD400AW60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60 Datasheet
166Kb / 6P
   Standard Recovery Diodes, 400 A
01-Jan-2022
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60_V01 Datasheet
166Kb / 6P
   Standard Recovery Diodes, 400 A
01-Jan-2022
More results


Similar Description - VS-VSMD400AW60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60_V01 Datasheet
166Kb / 6P
   Standard Recovery Diodes, 400 A
01-Jan-2022
VSMD400AW60 VISHAY-VSMD400AW60 Datasheet
159Kb / 6P
   Standard Recovery Diodes, 400 A
Revision: 08-Mar-11
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 25-Nov-13
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
NKD160A NELLSEMI-NKD160A Datasheet
353Kb / 4P
   Standard Recovery Diodes, 160 A
NKD135A NELLSEMI-NKD135A Datasheet
322Kb / 4P
   Standard Recovery Diodes, 135 A
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com