Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIT6045CHM3 Datasheet (PDF) - Vishay Siliconix

VIT6045CHM3 Datasheet PDF - Vishay Siliconix
Part # VIT6045CHM3
Download  VIT6045CHM3 Download

File Size   135.28 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 10 A

VIT6045CHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VIT6045CHM3 Datasheet PDF - Vishay Siliconix

Part # VIT6045CHM3
Download  VIT6045CHM3 Click to download

File Size   135.28 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 10 A

VIT6045CHM3 Datasheet (HTML) - Vishay Siliconix

VIT6045CHM3 Datasheet HTML 1Page - Vishay Siliconix VIT6045CHM3 Datasheet HTML 2Page - Vishay Siliconix VIT6045CHM3 Datasheet HTML 3Page - Vishay Siliconix VIT6045CHM3 Datasheet HTML 4Page - Vishay Siliconix VIT6045CHM3 Datasheet HTML 5Page - Vishay Siliconix

VIT6045CHM3 Product details

• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified




Similar Part No. - VIT6045CHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VIT6045CHM3 VISHAY-VIT6045CHM3 Datasheet
128Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 22-Nov-13
VIT6045CHM3-4W VISHAY-VIT6045CHM3-4W Datasheet
132Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VIT6045CHM3-4W VISHAY-VIT6045CHM3-4W Datasheet
135Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
More results


Similar Description - VIT6045CHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT2045C-M3 VISHAY-VBT2045C-M3 Datasheet
89Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5.0 A
Revision: 03-Jan-17
VE3045C-E3 VISHAY-VE3045C-E3 Datasheet
123Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
Revision: 20-Dec-13
V60170PW-M3 VISHAY-V60170PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A
Revision: 04-Dec-13
V80100P VISHAY-V80100P Datasheet
107Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.425 V at IF = 10 A
Revision: 26-May-08
V60H150PW-M3 VISHAY-V60H150PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A
Revision: 04-Dec-13
V80170PW-M3 VISHAY-V80170PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.51 V at IF = 10 A
Revision: 04-Dec-13
V80H150PW-M3 VISHAY-V80H150PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.51 V at IF = 10 A
Revision: 04-Dec-13
V60100P VISHAY-V60100P Datasheet
107Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.456 V at IF = 10 A
Revision: 26-May-08
VBT3045C-E3 VISHAY-VBT3045C-E3 Datasheet
91Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.30 V at IF = 5.0 A
Revision: 09-Sep-13
VFT1045C-M3 VISHAY-VFT1045C-M3 Datasheet
88Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 22-Nov-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com