Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSBS851835 Datasheet (PDF) - Vishay Siliconix

WSBS851835 Datasheet PDF - Vishay Siliconix
Part # WSBS851835
Download  WSBS851835 Download

File Size   231.65 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Shunt Resistor With Sense Pins, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)

WSBS851835 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSBS851835 Datasheet PDF - Vishay Siliconix

Part # WSBS851835
Download  WSBS851835 Click to download

File Size   231.65 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Shunt Resistor With Sense Pins, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)

WSBS851835 Datasheet (HTML) - Vishay Siliconix

WSBS851835 Datasheet HTML 1Page - Vishay Siliconix WSBS851835 Datasheet HTML 2Page - Vishay Siliconix WSBS851835 Datasheet HTML 3Page - Vishay Siliconix

WSBS851835 Product details

• High power to resistor size ratio
• Proprietary processing technique produces
extremely low resistance values
• Welded terminal to element construction
• Solid metal nickel-chrome alloy resistive
element with unique design for low TCR
(down to ± 10 ppm/°C)
• Very low inductance (< 5 nH)
• Low thermal EMF (as low as < 1.25 μV/°C)




Similar Part No. - WSBS851835

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS851834 VISHAY-WSBS851834 Datasheet
144Kb / 3P
   Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
Revision: 09-Mar-17
More results


Similar Description - WSBS851835

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS851834 VISHAY-WSBS851834 Datasheet
144Kb / 3P
   Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
Revision: 09-Mar-17
WSBS851820 VISHAY-WSBS851820 Datasheet
205Kb / 3P
   Power Metal Strip® Shunt Resistor With Two Sense Pins, Very Low Value (50 μΩ, 100 μΩ, 125 μΩ, and 250 μΩ)
Revision: 24-Feb-17
WSBS851840 VISHAY-WSBS851840 Datasheet
184Kb / 3P
   Power Metal Strip® Shunt Resistor With Three Sense Pins, Very Low Value (50 μΩ, 100 μΩ, and 125 μΩ)
Revision: 24-Feb-17
WSBS8518 VISHAY-WSBS8518_10 Datasheet
89Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ, 125 μΩ, and 250 μΩ)
Revision: 02-Jul-10
WSBS851814 VISHAY-WSBS851814 Datasheet
117Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Sn Plated, Very Low Value (50 μΩ, 100 μΩ, 125 μΩ, and 250 μΩ)
Revision: 15-Feb-17
WSBS5216 VISHAY-WSBS5216_V01 Datasheet
93Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
01-Jan-2022
WSBS5216...14 VISHAY-WSBS5216...14 Datasheet
94Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ), Sn Plated
01-Jan-2022
WSBS8518...60 VISHAY-WSBS8518...60 Datasheet
108Kb / 3P
   Power Metal Strip® Shunt Resistor With Two Sense Pins and Sn Plated Terminals, Very Low Value
01-Jan-2022
WSBS8518...80 VISHAY-WSBS8518...80 Datasheet
108Kb / 3P
   Power Metal Strip® Shunt Resistor With Three Sense Pins,Sn Plated Terminals, Very Low Value
01-Jan-2022
WSBS8518 VISHAY-WSBS8518_V01 Datasheet
99Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com