Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4053B Datasheet (PDF) - STMicroelectronics

HCF4053B Datasheet PDF - STMicroelectronics
Part # HCF4053B
Download  HCF4053B Download

File Size   470.41 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER

HCF4053B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4053B Datasheet PDF - STMicroelectronics

Part # HCF4053B
Download  HCF4053B Click to download

File Size   470.41 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER

HCF4053B Datasheet (HTML) - STMicroelectronics

HCF4053B Datasheet HTML 1Page - STMicroelectronics HCF4053B Datasheet HTML 2Page - STMicroelectronics HCF4053B Datasheet HTML 3Page - STMicroelectronics HCF4053B Datasheet HTML 4Page - STMicroelectronics HCF4053B Datasheet HTML 5Page - STMicroelectronics HCF4053B Datasheet HTML 6Page - STMicroelectronics HCF4053B Datasheet HTML 7Page - STMicroelectronics HCF4053B Datasheet HTML 8Page - STMicroelectronics HCF4053B Datasheet HTML 9Page - STMicroelectronics HCF4053B Datasheet HTML 10Page - STMicroelectronics

HCF4053B Product details

ANALOG MULTIPLEXERS-DEMULTIPLEXERS

4051B - SINGLE 8-CHANNEL

4052B - DIFFERENTIAL 4-CHANNEL

4053B - TRIPLE 2-CHANNEL



DESCRIPTION

TheHCC 4051B, 4052Band4053B(extended temperature range) and HCF4051B, 4052B and 4053B

(intermediate temperature range) are monolithic in tegrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micropack age. HCC/HCF4051B, HCC/HCF4052B, and

HCC/HCF4053B analog multiplexers/demultiplexers are digitally controlled analog switches hav

ing low ON impedance and very low OFF leakage current.



.QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE

.LOW ”ON” RESISTANCE : 125Ω(typ.) OVER 15V p.p. SIGNAL-INPUT RANGE FOR VDD-VEE= 15V

.HIGH ”OFF” RESISTANCE : CHANNEL LEAKAGE ±100pA (typ.) VDD–VEE= 18V

.BINARY ADDRESS DECODING ON CHIP

.VERY LOW QUIESCENT POWER DISSIPATION UNDER ALL DIGITAL CONTROL INPUT AND SUPPLY CONDITIONS : 0.2µW (typ.), VDD–VSS=VDD–VEE= 10V

.MATCHED SWITCH CHARACTERISTICS : RON=5Ω(typ.) for VDD–VEE= 15V

.WIDE RANGE OF DIGITAL AND ANALOG SIG NAL LEVELS : DIGITAL 3 TO 20V, ANALOG TO 20V p.p.

.5V, 10V, AND 15V PARAMETRIC RATINGS

.INPUT CURRENT OF 100mA AT 18V AND 25°C FOR HCC DEVICE

.100% TESTED FOR QUIESCENT CURRENT

.MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD No 13A, ”STANDARD

SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF4053B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4053B STMICROELECTRONICS-HCF4053B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
HCF4053BC1 STMICROELECTRONICS-HCF4053BC1 Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
HCF4053BEY STMICROELECTRONICS-HCF4053BEY Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
HCF4053BF STMICROELECTRONICS-HCF4053BF Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
HCF4053BM1 STMICROELECTRONICS-HCF4053BM1 Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Similar Description - HCF4053B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com