Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP131FAR2 Datasheet (PDF) - ON Semiconductor

MC100EP131FAR2 Datasheet PDF - ON Semiconductor
Part # MC100EP131FAR2
Download  MC100EP131FAR2 Download

File Size   90.65 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock

MC100EP131FAR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EP131FAR2 Datasheet PDF - ON Semiconductor

Part # MC100EP131FAR2
Download  MC100EP131FAR2 Click to download

File Size   90.65 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock

MC100EP131FAR2 Datasheet (HTML) - ON Semiconductor

MC100EP131FAR2 Datasheet HTML 1Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 8Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 9Page - ON Semiconductor MC100EP131FAR2 Datasheet HTML 10Page - ON Semiconductor

MC100EP131FAR2 Product details

Description
The MC10/100EP131 is a Quad Master−slaved D flip−flop with common set and separate resets. The device is an expansion of the E131 with differential common clock and individual clock enables. With AC performance faster than the E131 device, the EP131 is ideal for applications requiring the fastest AC performance available.

Features
• 460 ps Typical Propagation Delay
• Maximum Frequency > 3 GHz Typical
• Differential Individual and Common Clocks
• Individual Asynchronous Resets
• Asynchronous Set
• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V
• Open Input Default State
• Safety Clamp on Inputs
• Q Output Will Default LOW with Inputs Open or at VEE
• Pb−Free Packages are Available




Similar Part No. - MC100EP131FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP139 ONSEMI-MC100EP139 Datasheet
140Kb / 8P
   첨2/4, 첨4./5/6 Clock Generation Chip
December, 1999 ??Rev. 1
MC100EP139 ONSEMI-MC100EP139 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139 ONSEMI-MC100EP139 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP139DT ONSEMI-MC100EP139DT Datasheet
140Kb / 8P
   첨2/4, 첨4./5/6 Clock Generation Chip
December, 1999 ??Rev. 1
MC100EP139DT ONSEMI-MC100EP139DT Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
More results


Similar Description - MC100EP131FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com