Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C2440X Datasheet (PDF) - Samsung semiconductor

S3C2440X Datasheet PDF - Samsung semiconductor
Part # S3C2440X
Download  S3C2440X Download

File Size   6876.51 Kbytes
Page   429 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16/32-bit RISC microprocessor

S3C2440X Datasheet (PDF)

Go To PDF Page Download Datasheet
S3C2440X Datasheet PDF - Samsung semiconductor

Part # S3C2440X
Download  S3C2440X Click to download

File Size   6876.51 Kbytes
Page   429 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16/32-bit RISC microprocessor

S3C2440X Datasheet (HTML) - Samsung semiconductor

Back Button S3C2440X Datasheet HTML 1Page - Samsung semiconductor S3C2440X Datasheet HTML 2Page - Samsung semiconductor S3C2440X Datasheet HTML 3Page - Samsung semiconductor S3C2440X Datasheet HTML 4Page - Samsung semiconductor S3C2440X Datasheet HTML 5Page - Samsung semiconductor S3C2440X Datasheet HTML 6Page - Samsung semiconductor S3C2440X Datasheet HTML 7Page - Samsung semiconductor S3C2440X Datasheet HTML 8Page - Samsung semiconductor S3C2440X Datasheet HTML 9Page - Samsung semiconductor S3C2440X Datasheet HTML 10Page - Samsung semiconductor Next Button 

S3C2440X Product details

• 1.2V internal, 1.8V/2.5V/3.3V memory, 3.3V external I/O microprocessor with 16KB I-Cache/16KB D Cache/MMU
• External memory controller (SDRAM Control and Chip Select logic)
• LCD controller (up to 4K color STN and 256K color TFT) with 1-ch LCD-dedicated DMA
• 4-ch DMAs with external request pins
• 3-ch UART (IrDA1.0, 64-Byte Tx FIFO, and 64-Byte Rx FIFO) / 2-ch SPI
• 1-ch multi-master IIC-BUS/1-ch IIS-BUS controller
• SD Host interface version 1.0 & Multi-Media Card Protocol version 2.11 compatible
• 2-port USB Host /1- port USB Device (ver 1.1)
• 4-ch PWM timers & 1-ch internal timer
• Watch Dog Timer
• 130-bit general purpose I/O ports / 24-ch external interrupt source
• Power control: Normal, Slow, Idle and Sleep mode
• 8-ch 10-bit ADC and Touch screen interface
• RTC with calendar function
• On-chip clock generator with PLL




Similar Part No. - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C24A0 SAMSUNG-S3C24A0 Datasheet
6Mb / 487P
   APPLICATION PROCESSOR FOR 2.5G/3G MOBILE PHONES
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
More results


Similar Description - S3C2440X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com