Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71108AJ-7I Datasheet (PDF) - List of Unclassifed Manufacturers

GS71108AJ-7I Datasheet PDF - List of Unclassifed Manufacturers
Part # GS71108AJ-7I
Download  GS71108AJ-7I Download

File Size   410.63 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 128K x 8 1Mb Asynchronous SRAM

GS71108AJ-7I Datasheet (PDF)

Go To PDF Page Download Datasheet
GS71108AJ-7I Datasheet PDF - List of Unclassifed Manufacturers

Part # GS71108AJ-7I
Download  GS71108AJ-7I Click to download

File Size   410.63 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 128K x 8 1Mb Asynchronous SRAM

GS71108AJ-7I Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button GS71108AJ-7I Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71108AJ-7I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

GS71108AJ-7I Product details

[GSI]



Description

The GS71108A is a high speed CMOS Static RAM organized as 131,072 words by 8 bits. Static design eliminates the need for external clocks or timing strobes. The GS operates on a single 3.3 V power supply and all inputs and outputs are TTL compatible. The GS71108A is available in a 6 mm x 8 mm Fine Pitch BGA package, as well as in 300 mil and 400 mil SOJ and 400 mil TSOP Type-II packages.



Features

• Fast access time: 7, 8, 10, 12 ns

• CMOS low power operation: 140/120/95/80 mA at minimum cycle time

• Single 3.3 V power supply

• All inputs and outputs are TTL-compatible

• Fully static operation

• Industrial Temperature Option: –40° to 85°C

• Package line up

   J: 400 mil, 32-pin SOJ package

   TP: 400 mil, 32-pin TSOP Type II package

   SJ: 300 mil, 32-pin SOJ package

   U: 6 mm x 8 mm Fine Pitch Ball Grid Array package



 




Similar Part No. - GS71108AJ-7I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71108AJ-7I ETC2-GS71108AJ-7I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results


Similar Description - GS71108AJ-7I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com