Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3406 Datasheet (PDF) - Maxim Integrated Products

MAX3406 Datasheet PDF - Maxim Integrated Products
Part # MAX3406
Download  MAX3406 Download

File Size   132.62 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 75??100??120??Switchable Termination Networks

MAX3406 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3406 Datasheet PDF - Maxim Integrated Products

Part # MAX3406
Download  MAX3406 Click to download

File Size   132.62 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 75??100??120??Switchable Termination Networks

MAX3406 Datasheet (HTML) - Maxim Integrated Products

MAX3406 Datasheet HTML 1Page - Maxim Integrated Products MAX3406 Datasheet HTML 2Page - Maxim Integrated Products MAX3406 Datasheet HTML 3Page - Maxim Integrated Products MAX3406 Datasheet HTML 4Page - Maxim Integrated Products MAX3406 Datasheet HTML 5Page - Maxim Integrated Products MAX3406 Datasheet HTML 6Page - Maxim Integrated Products

MAX3406 Product details

General Description
The MAX3406/MAX3407/MAX3408 are general-purpose line-terminating networks designed to change the termination value of a line, depending on the state of a digital control line, allowing the connection to a coaxial cable or a twisted pair wire. These devices are switchable between 75Ω, 100Ω, and 120Ω. The MAX3406 can switch from 75Ω to 100Ω, the MAX3407 can switch from 75Ω to 120Ω, and the MAX3408 can switch from 100Ω to 120Ω termination. Termination resistance values are guaranteed to ±2.5% through -40°C to +85°C and for signal levels of ±3.6V.

Features
♦ Available in 5-Pin SOT Package
♦ ±2.5% Resistance Accuracy Over Extended Temperature Range
♦ -3.6V to +3.6V Input Voltage Range
♦ 50µA Supply Current (max)
♦ Bipolar Input Range Off a Single Supply
♦ Switchable Termination 75Ω or 100Ω (MAX3406) 75Ω or 120Ω (MAX3407) 100Ω or 120Ω (MAX3408)

Applications
    Telecom E1/T1/J1 Coax/Twisted Pair Termination
    Data Routers
    Telecom Racks
    Video Security
    Industrial Networks
    Ethernet Networks




Similar Part No. - MAX3406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3420E MAXIM-MAX3420E Datasheet
203Kb / 9P
   Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3420E MAXIM-MAX3420E Datasheet
179Kb / 10P
   Four GPI Port-Connected Pushbuttons
Rev 0; 12/06
MAX3420EEC MAXIM-MAX3420EEC Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
More results


Similar Description - MAX3406

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RDAQ20T KOA-RDAQ20T Datasheet
93Kb / 2P
   scsi&ecl termination networks
RDAQ20TTEB331JH KOA-RDAQ20TTEB331JH Datasheet
226Kb / 2P
   scsi & ecl termination networks
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
logo
KOA Speer Electronics, ...
CN1J4RTTD103J KOA-CN1J4RTTD103J Datasheet
254Kb / 2P
   anti sulfuration chip networks (concave termination)
logo
Linear Technology
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
logo
KOA Speer Electronics, ...
CN1E4KRTTD103J KOA-CN1E4KRTTD103J Datasheet
306Kb / 2P
   anti sulfuration chip networks (convex termination)
logo
Welwyn Components Limit...
BB1110TB WELWYN-BB1110TB Datasheet
310Kb / 4P
   Terminator Networks 18 Bit SSTL_2 Termination Sets
logo
Bi technologies
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
   HSTL Termination Circuit Thin Film Resistor Networks
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com