Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FST3257QS Datasheet (PDF) - ON Semiconductor

74FST3257QS Datasheet PDF - ON Semiconductor
Part # 74FST3257QS
Download  74FST3257QS Download

File Size   85.35 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2:1 Multiplexer/ Demultiplexer Bus Switch

74FST3257QS Datasheet (PDF)

Go To PDF Page Download Datasheet
74FST3257QS Datasheet PDF - ON Semiconductor

Part # 74FST3257QS
Download  74FST3257QS Click to download

File Size   85.35 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2:1 Multiplexer/ Demultiplexer Bus Switch

74FST3257QS Datasheet (HTML) - ON Semiconductor

74FST3257QS Datasheet HTML 1Page - ON Semiconductor 74FST3257QS Datasheet HTML 2Page - ON Semiconductor 74FST3257QS Datasheet HTML 3Page - ON Semiconductor 74FST3257QS Datasheet HTML 4Page - ON Semiconductor 74FST3257QS Datasheet HTML 5Page - ON Semiconductor 74FST3257QS Datasheet HTML 6Page - ON Semiconductor 74FST3257QS Datasheet HTML 7Page - ON Semiconductor 74FST3257QS Datasheet HTML 8Page - ON Semiconductor

74FST3257QS Product details

Quad 2:1 Multiplexer/Demultiplexer Bus Switch

The ON Semiconductor 74FST3257 is a quad 2:1, high performance multiplexer/demultiplexer bus switch. The device is CMOS TTL compatible when operating between 4 and 5.5 Volts. The device exhibits extremely low RON and adds nearly zero propagation delay. The device adds no noise or ground bounce to the system.

Features
• RON < 4Ω Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible With QS3257, FST3257, CBT3257
• All Popular Packages: SOIC−16, TSSOP−16, QSOP−16
• Pb−Free Packages are Available




Similar Part No. - 74FST3257QS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3257QS ONSEMI-74FST3257QS Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
74FST3257QSR ONSEMI-74FST3257QSR Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
More results


Similar Description - 74FST3257QS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257 FAIRCHILD-FSTU3257_06 Datasheet
200Kb / 6P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com