![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
KARN-50 - Termination TYPE-N 50§Ù DC to 8 GHz - Mini-Circuits |
|
Click Here View KARN-50 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ANNE-50X | Termination SMA 50§Ù DC to 20 GHz | Mini-Circuits |
| KARN-50-18 | Termination N-Type 50§Ù DC to 18 GHz | Mini-Circuits |
| LOUIS-50 | Termination DIN 50§Ù DC to 2 GHz | Mini-Circuits |
| MERA-556 | Surface Mount Dual Matched MMIC Amplifiers 50§Ù High Dynamic Range DC to 2.2 GHz | Mini-Circuits |
| ZX60-M-SERIES | High Isolation Amplifiers 50§Ù 0.5 to 5.9 GHz | Mini-Circuits |
| MERA-7433 | Surface Mount DualMatchedMMICAmplifiers 50§Ù High Dynamic Range DC to 1 GHz | Mini-Circuits |
| MERA-7456 | Surface Mount Dual Matched MMIC Amplifiers 50§Ù High Dynamic Range DC to 1 GHz | Mini-Circuits |
| CBL-SERIES | Coaxial-Flex Test Cables 50§Ù DC to 18 GHz | Mini-Circuits |
| MNA-SERIES | Monolithic Amplifiers High Directivity 50§Ù 0.5 to 5.9 GHz | Mini-Circuits |
| DG03-166 | MONOLITHIC AMPLIFIERS 50§Ù BROADBAND DC to 8 GHz | Mini-Circuits |
Link URL |
|
|
Related keyword |
| KARN-50 Datasheet | KARN-50 Cross Reference | KARN-50 Schematic | KARN-50 Distributor | KARN-50 Datenblatt | KARN-50 RoHS |
| KARN-50 Equivalent | KARN-50 Application Notes | KARN-50 Data Sheet | KARN-50 component | KARN-50 Fiche Technique | KARN-50 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |