Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1317 Datasheet (PDF) - NTE Electronics

NTE1317 Datasheet PDF - NTE Electronics
Part # NTE1317
Download  NTE1317 Download

File Size   23.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.

NTE1317 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1317 Datasheet PDF - NTE Electronics

Part # NTE1317
Download  NTE1317 Click to download

File Size   23.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.

NTE1317 Datasheet (HTML) - NTE Electronics

NTE1317 Datasheet HTML 1Page - NTE Electronics NTE1317 Datasheet HTML 2Page - NTE Electronics

NTE1317 Product details

Features:
● Muting Circuit
● Reduced Heat Sink due to Case Temperature Dissipation up to +125°C




Similar Part No. - NTE1317

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE131 NTE-NTE131 Datasheet
20Kb / 2P
   Germanium Complementary Transistors Audio Power Amplifier
NTE1312 NTE-NTE1312 Datasheet
21Kb / 3P
   Integrated Circuit Vertical OSC, Amp
NTE1315 NTE-NTE1315 Datasheet
79Kb / 2P
   Integrated Circuit Module − 2 Power, 2 Channel AF Power Amplifier, 35W Min
NTE1316 NTE-NTE1316 Datasheet
77Kb / 2P
   Integrated Circuit Module, Dual, AF PO, 50W
More results


Similar Description - NTE1317

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1315 NTE-NTE1315 Datasheet
79Kb / 2P
   Integrated Circuit Module − 2 Power, 2 Channel AF Power Amplifier, 35W Min
logo
List of Unclassifed Man...
STK2155 ETC-STK2155 Datasheet
84Kb / 2P
   2 CHANNEL 50W MIN AF POWER AMPLIFIER OUTPUT STAGE
logo
NTE Electronics
NTE15034 NTE-NTE15034 Datasheet
20Kb / 2P
   Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE7029 NTE-NTE7029 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
logo
Sanyo Semicon Device
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
logo
NTE Electronics
NTE1878 NTE-NTE1878 Datasheet
18Kb / 2P
   Integrated Circuit Module, Voltage Amp for 2 Power, 2 Channel, 40W to 50W AF Power Amp
logo
Sanyo Semicon Device
STK4101V SANYO-STK4101V Datasheet
119Kb / 1P
   2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
STK4913 SANYO-STK4913 Datasheet
156Kb / 2P
   Thick Film Hybid Circuit 2-Channel 50W Min AF Power Amp(Dual-Supply)
logo
List of Unclassifed Man...
STK4703 ETC1-STK4703 Datasheet
158Kb / 1P
   2-CHANNEL 10 TO 50W MIN AF POWER AMP.(DUAL-SUPPLY)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com