Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ11 Datasheet (PDF) - Fairchild Semiconductor

BUZ11 Datasheet PDF - Fairchild Semiconductor
Part # BUZ11
Download  BUZ11 Download

File Size   81.79 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30A, 50V, 0.040 Ohm, N-Channel Power MOSFET

BUZ11 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ11 Datasheet PDF - Fairchild Semiconductor

Part # BUZ11
Download  BUZ11 Click to download

File Size   81.79 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30A, 50V, 0.040 Ohm, N-Channel Power MOSFET

BUZ11 Datasheet (HTML) - Fairchild Semiconductor

BUZ11 Datasheet HTML 1Page - Fairchild Semiconductor BUZ11 Datasheet HTML 2Page - Fairchild Semiconductor BUZ11 Datasheet HTML 3Page - Fairchild Semiconductor BUZ11 Datasheet HTML 4Page - Fairchild Semiconductor BUZ11 Datasheet HTML 5Page - Fairchild Semiconductor BUZ11 Datasheet HTML 6Page - Fairchild Semiconductor

BUZ11 Product details

This is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.

Features
• 30A, 50V
• rDS(ON) = 0.040Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - BUZ11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ11 STMICROELECTRONICS-BUZ11 Datasheet
80Kb / 8P
   N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
logo
Siemens Semiconductor G...
BUZ11 SIEMENS-BUZ11 Datasheet
120Kb / 9P
   SIPMOS Power Transistorm (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ11 INTERSIL-BUZ11 Datasheet
45Kb / 6P
   30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
June 1999
logo
New Jersey Semi-Conduct...
BUZ11 NJSEMI-BUZ11 Datasheet
131Kb / 3P
   N - CHANNEL 50V - 0.03Q - 33A TO-220 STripFET??MOSFET
logo
Inchange Semiconductor ...
BUZ11 ISC-BUZ11 Datasheet
66Kb / 2P
   High input impedance
More results


Similar Description - BUZ11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ11 INTERSIL-BUZ11 Datasheet
45Kb / 6P
   30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
June 1999
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
IRF540N INTERSIL-IRF540N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
logo
Intersil Corporation
HUF75631P3 INTERSIL-HUF75631P3 Datasheet
343Kb / 9P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76419P3 INTERSIL-HUF76419P3 Datasheet
334Kb / 9P
   27A, 60V, 0.040 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF76419P3 FAIRCHILD-HUF76419P3 Datasheet
215Kb / 10P
   27A, 60V, 0.040 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com