Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1442 Datasheet (PDF) - NTE Electronics

NTE1442 Datasheet PDF - NTE Electronics
Part # NTE1442
Download  NTE1442 Download

File Size   18.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Balance Modulator

NTE1442 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1442 Datasheet PDF - NTE Electronics

Part # NTE1442
Download  NTE1442 Click to download

File Size   18.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Balance Modulator

NTE1442 Datasheet (HTML) - NTE Electronics

NTE1442 Datasheet HTML 1Page - NTE Electronics NTE1442 Datasheet HTML 2Page - NTE Electronics

NTE1442 Product details

Features:

• Broad Band (10MHz), Good Carrier Suppression

• Carrier Suppression Within –40dB (10mVrms to 1Vrms Output Signal)



 




Similar Part No. - NTE1442

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
   Integrated Circuit FM IF Amplifier, Detector
NTE1446 NTE-NTE1446 Datasheet
18Kb / 2P
   Integrated Circuit Servo Control for VCR
NTE1449 NTE-NTE1449 Datasheet
74Kb / 1P
   Integrated Circuit Low Noise Eqalizer Amp
NTE144A NTE-NTE144A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results


Similar Description - NTE1442

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN612 PANASONIC-AN612 Datasheet
48Kb / 2P
   Balance Modulator Circuit
logo
Motorola, Inc
MRFIC0001 MOTOROLA-MRFIC0001 Datasheet
105Kb / 6P
   QUADRATURE MODULATOR INTEGRATED CIRCUIT
logo
NTE Electronics
NTE1249 NTE-NTE1249 Datasheet
20Kb / 2P
   Integrated Circuit Balancd Modulator
logo
Excelliance MOS Corp.
EM7101 EXCELLIANCE-EM7101 Datasheet
247Kb / 13P
   Integrated LED current balance control circuit
logo
NTE Electronics
NTE846 NTE-NTE846 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulator
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
NTE1729 NTE-NTE1729 Datasheet
30Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1753 NTE-NTE1753 Datasheet
36Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com