Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR2032 Datasheet (PDF) - Sony Corporation

CR2032 Datasheet PDF - Sony Corporation
Part # CR2032
Download  CR2032 Download

File Size   93.51 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Lithium Manganese Dioxide Battery

CR2032 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR2032 Datasheet PDF - Sony Corporation

Part # CR2032
Download  CR2032 Click to download

File Size   93.51 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Lithium Manganese Dioxide Battery

CR2032 Datasheet (HTML) - Sony Corporation

CR2032 Datasheet HTML 1Page - Sony Corporation CR2032 Datasheet HTML 2Page - Sony Corporation

CR2032 Product details

Specifications
• Nominal Voltage                               3V
• Nominal Capacity (2.5V cutoff)         220mAh
• Recommended Continuous Drain    0.3mA
• Recommended Pulse Drain             12mA
• Weight                                              3.2g

Applications
• Electronic Watch or Clock
• Card Radio
• Remote Controller
• Electronic Game, Toy
• Memory Back-up Power Source for SRAM or Real Time Clock(RTC)




Similar Part No. - CR2032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2032 ETC-CR2032 Datasheet
96Kb / 2P
   Lithium / Manganese Dioxide (Li/MnO2 )
logo
Energizer
CR2032 ENERGIZER-CR2032 Datasheet
99Kb / 2P
   3.0 Volts 3.3 grams (0.12 oz.) 1.0 cubic centimeters (0.06 cubic inch)
logo
Panasonic Semiconductor
CR2032 PANASONIC-CR2032 Datasheet
185Kb / 6P
   Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Dubilier
CR2032 DUBILIER-CR2032 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
CR2032 DUBILIER-CR2032 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
More results


Similar Description - CR2032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR17450 ETC-CR17450 Datasheet
125Kb / 1P
   MANGANESE DIOXIDE LITHIUM BATTERY
CR1216 ETC-CR1216 Datasheet
60Kb / 2P
   Lithium Manganese Dioxide Battery
logo
Duracell
DL2450 DURACELL-DL2450 Datasheet
537Kb / 1P
   Lithium Manganese Dioxide Battery
logo
Sony Corporation
CR1620 SONY-CR1620 Datasheet
88Kb / 2P
   LITHIUM MANGANESE DIOXIDE BATTERY
logo
Duracell
DL2032 DURACELL-DL2032 Datasheet
370Kb / 1P
   Lithium Manganese Dioxide Battery
logo
Maxwell Technologies
ML1220 MAXWELL-ML1220 Datasheet
432Kb / 2P
   Lithium Manganese Dioxide Rechargeable Battery
April 2011
ML1220T9 MAXWELL-ML1220T9 Datasheet
1,002Kb / 9P
   LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
logo
List of Unclassifed Man...
CR2032H ETC1-CR2032H Datasheet
495Kb / 1P
   Coin Type Lithium Manganese Dioxide Battery
CR2NP ETC2-CR2NP Datasheet
91Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-2 PANASONICBATTERY-CR-2 Datasheet
203Kb / 1P
   LITHIUM MANGANESE DIOXIDE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com