Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE15004 Datasheet (PDF) - NTE Electronics

NTE15004 Datasheet PDF - NTE Electronics
Part # NTE15004
Download  NTE15004 Download

File Size   21.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Remote Control Preamplifier

NTE15004 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE15004 Datasheet PDF - NTE Electronics

Part # NTE15004
Download  NTE15004 Click to download

File Size   21.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Remote Control Preamplifier

NTE15004 Datasheet (HTML) - NTE Electronics

NTE15004 Datasheet HTML 1Page - NTE Electronics NTE15004 Datasheet HTML 2Page - NTE Electronics

NTE15004 Product details

Description:

This NTE15004 is a silicon monolithic integrated circuit in an 8–Lead SIP type package designed for a remote control preamplifier of infrared signals. This device features low power, high sensitivity and wide supply voltage.



Features:

• Wide Operation Voltage: VCC = 6V to 14.4V

• Low Power Consumption: ICC = 2.5mA typ.

• High Input Sensitivity: 50µVp–p typ.

• Peak Detector

• Small Size Package – 8–Lead SIP

• Minimum Number of External Parts Required



 




Similar Part No. - NTE15004

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1500 NTE-NTE1500 Datasheet
22Kb / 3P
   Integrated Circuit 7-Step LED Driver Circuit
NTE15001 NTE-NTE15001 Datasheet
27Kb / 3P
   Integrated Circuit VIF & SIF Circuit for VCR
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
   Integrated Circuit Protector
More results


Similar Description - NTE15004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSOP584 VISHAY-VSOP584 Datasheet
224Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.2, 11-Jan-12
VSOP98260 VISHAY-VSOP98260_V01 Datasheet
249Kb / 8P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
   Preamplifier Circuit for IR Remote Control
Rev. 1.1, 17-May-16
VSOP98260 VISHAY-VSOP98260_16 Datasheet
232Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.9, 17-May-16
VSOP383 VISHAY-VSOP383_V01 Datasheet
253Kb / 9P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.3, 12-Mar-12
logo
Samsung semiconductor
KA2181 SAMSUNG-KA2181 Datasheet
49Kb / 3P
   REMOTE CONTROL PREAMPLIFIER
logo
NEC
UPC1373H NEC-UPC1373H Datasheet
309Kb / 6P
   REMOTE CONTROL PREAMPLIFIER
logo
NTE Electronics
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
   Integrated Circuit Remote Control Receiver
NTE1300 NTE-NTE1300 Datasheet
21Kb / 2P
   Integrated Circuit TV Remote Control
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com