Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE157 Datasheet (PDF) - NTE Electronics

NTE157 Datasheet PDF - NTE Electronics
Part # NTE157
Download  NTE157 Download

File Size   23.69 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)

NTE157 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE157 Datasheet PDF - NTE Electronics

Part # NTE157
Download  NTE157 Click to download

File Size   23.69 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)

NTE157 Datasheet (HTML) - NTE Electronics

NTE157 Datasheet HTML 1Page - NTE Electronics NTE157 Datasheet HTML 2Page - NTE Electronics

NTE157 Product details

Description:

The NTE157 is a silicon NPN transistor in a TO126 type package designed for use in line–operated equipment such as audio output amplifiers, low–current, high–voltage converters, and AC line relays.



Features:

 Excellent DC Current Gain: hFE = 30 to 250 @ IC = 100mA

 Current–Gain – Bandwidth Product: fT = 10MHz (Min) @ IC = 50mA




Similar Part No. - NTE157

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1572 NTE-NTE1572 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Sound IF Amplifier
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE1577 NTE-NTE1577 Datasheet
27Kb / 4P
   Integrated Circuit Dual, Low Noise Preamp w/Auto Reverse
More results


Similar Description - NTE157

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE399 NTE-NTE399 Datasheet
16Kb / 2P
   Silicon NPN Transistor High Voltage Video Amp (Compl to NTE2366)
NTE2430 NTE-NTE2430 Datasheet
19Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Switch (Compl to NTE2431)
NTE2412 NTE-NTE2412 Datasheet
19Kb / 2P
   Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
NTE123AP NTE-NTE123AP Datasheet
24Kb / 3P
   Silicon NPN Transistor Audio Amplifier, Switch (Compl to NTE159)
NTE2431 NTE-NTE2431 Datasheet
19Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Switch (Compl to NTE2430)
NTE2366 NTE-NTE2366 Datasheet
19Kb / 2P
   Silicon PNP Transistor High Voltage Video Amp (Compl to NTE399)
NTE2411 NTE-NTE2411 Datasheet
22Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Driver (Compl to NTE2410)
NTE2413 NTE-NTE2413 Datasheet
20Kb / 2P
   Silicon PNP Transistor General Purpose, High Voltage Amp, (Compl to NTE2412)
NTE2406 NTE-NTE2406 Datasheet
26Kb / 3P
   Silicon NPN Transistor General Purpose Amp, Surface Mount (Compl to NTE2407)
NTE2408 NTE-NTE2408 Datasheet
22Kb / 2P
   Silicon NPN Transistor General Purpose Amp, Surface Mount (Compl to NTE2409)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com