Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1641 Datasheet (PDF) - NTE Electronics

NTE1641 Datasheet PDF - NTE Electronics
Part # NTE1641
Download  NTE1641 Download

File Size   24.68 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 1024 Stage BBD for Audio Signal Delays

NTE1641 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1641 Datasheet PDF - NTE Electronics

Part # NTE1641
Download  NTE1641 Click to download

File Size   24.68 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 1024 Stage BBD for Audio Signal Delays

NTE1641 Datasheet (HTML) - NTE Electronics

NTE1641 Datasheet HTML 1Page - NTE Electronics NTE1641 Datasheet HTML 2Page - NTE Electronics NTE1641 Datasheet HTML 3Page - NTE Electronics

NTE1641 Product details

Description:

The NTE1641 is a 1024–stage long delay low noise BBD that provides a signal delay of up to 51.2msec. This device is suitable for use as the reverberation effect of an electronic musical instrument, or in stereo equipment, due to its long delay times.



Features:

• Variable delay time of audio signal: 5.12ms to 51.2ms.

• Clock component cancellation capability.

• No insertion loss: Li = 0dB typ.

• Wide dynamic range: S/N ≅ 80dB typ.

• Wide frequency response: fi ≤ 12kHZ.

• Low distortion: THD = 0.5% typ. (Vi = 0.78Vrms)

• Clock frequency range: 10 to 100kHZ.

• P channel silicon gate process.

• 8–Lead DIP plastic package.



Applications:

• Reverberation effect echo for P.A. and stereo equipment.

• Chorus effect in electronic musical instruments.

• Variable or fixed delay of analog signals

• Telephone time compression and delay line for voice communication systems, etc.



 




Similar Part No. - NTE1641

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE164 NTE-NTE164 Datasheet
20Kb / 2P
   Silicon NPN Transistor TV Vertical Output
NTE1648 NTE-NTE1648 Datasheet
27Kb / 3P
   Integrated Circuit Telephone Tone Ringer
NTE1649 NTE-NTE1649 Datasheet
27Kb / 3P
   Integrated Circuit Telephone Tone Ringer
More results


Similar Description - NTE1641

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN3207 PANASONIC-MN3207 Datasheet
241Kb / 5P
   1024-Stage Low Voltage Operation, Low Noise BBD for Analog Signal Delays
MN3307 PANASONIC-MN3307 Datasheet
61Kb / 5P
   1024-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3214 PANASONIC-MN3214 Datasheet
194Kb / 5P
   1024-STAGE LOW VOLTAGE OPERATION BBD WITH 5 TAPS
MN3309 PANASONIC-MN3309 Datasheet
57Kb / 5P
   256-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3308 PANASONIC-MN3308 Datasheet
55Kb / 5P
   2048-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3306 PANASONIC-MN3306 Datasheet
57Kb / 5P
   128-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3304 PANASONIC-MN3304 Datasheet
55Kb / 5P
   512-Stage Ultra Low Voltage Operation BBD for Audio Signals
logo
SHANGHAI BELLING CO., L...
BL3208A BELLING-BL3208A Datasheet
39Kb / 2P
   2048-Stage BBD
logo
NTE Electronics
NTE1102 NTE-NTE1102 Datasheet
22Kb / 2P
   Integrated Circuit 3 Stage Audio Amplifier
NTE1237 NTE-NTE1237 Datasheet
20Kb / 2P
   Integrated Circuit AM Radio without Audio Stage
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com