Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8A01 Datasheet (PDF) - Toshiba Semiconductor

TPC8A01 Datasheet PDF - Toshiba Semiconductor
Part # TPC8A01
Download  TPC8A01 Download

File Size   340.33 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE

TPC8A01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8A01 Datasheet PDF - Toshiba Semiconductor

Part # TPC8A01
Download  TPC8A01 Click to download

File Size   340.33 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE

TPC8A01 Datasheet (HTML) - Toshiba Semiconductor

TPC8A01 Datasheet HTML 1Page - Toshiba Semiconductor TPC8A01 Datasheet HTML 2Page - Toshiba Semiconductor TPC8A01 Datasheet HTML 3Page - Toshiba Semiconductor TPC8A01 Datasheet HTML 4Page - Toshiba Semiconductor TPC8A01 Datasheet HTML 5Page - Toshiba Semiconductor

TPC8A01 Product details

Q1:TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE(U- MOSⅢ )
Q2:TOSHIBA INCLUDES SCHOTTKY BARRIER DIODE FIELD EFFECT TRANSISTOR SILICON
N CHANNEL MOS TYPE(U- MOSⅢ )

DC-DC CONVERTER
Notebook PC
Portable Machines and Tools

• Includes Schottky Barrier Diode Type. (Q2)
   Low Forward Voltage: VDSF=0.6V(Max.)
• Small footprint due to small and thin package.
• High Speed Switching.(Q1)
• Small Gate Charge.(Q1): Qg= 17nC(Typ.)
• Low drain-source ON resistance(Q2) RDS (ON) = 13 mΩ (typ.)
• High forward transfer admittance(Q2): |Yfs| = 11 S (typ.)
• Low leakage current. (Q1): IDSS = 10 µA(Max.) (VDS = 30 V)
                                     (Q2): IDSS = 100 µA(Max.) (VDS = 30 V)
• Enhancement-mode
   : (Q1) Vth = 1.1~2.3 V (VDS = 10 V, ID = 1 mA)
   : (Q2) Vth = 1.1~2.3 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPC8A01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8A01 TOSHIBA-TPC8A01 Datasheet
460Kb / 12P
   DC-DC CONVERTER Notebook PC Portable Machines and Tools
TPC8A01 TOSHIBA-TPC8A01_06 Datasheet
460Kb / 12P
   DC-DC CONVERTER Notebook PC Portable Machines and Tools
More results


Similar Description - TPC8A01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM3K329R TOSHIBA-SSM3K329R Datasheet
222Kb / 7P
   Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N35FE TOSHIBA-SSM6N35FE Datasheet
193Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com