Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-2211A Datasheet (PDF) - Exar Corporation

XR-2211A Datasheet PDF - Exar Corporation
Part # XR-2211A
Download  XR-2211A Download

File Size   246.26 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FSK Demodulator/ Tone Decoder

XR-2211A Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-2211A Datasheet PDF - Exar Corporation

Part # XR-2211A
Download  XR-2211A Click to download

File Size   246.26 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FSK Demodulator/ Tone Decoder

XR-2211A Datasheet (HTML) - Exar Corporation

Back Button XR-2211A Datasheet HTML 1Page - Exar Corporation XR-2211A Datasheet HTML 2Page - Exar Corporation XR-2211A Datasheet HTML 3Page - Exar Corporation XR-2211A Datasheet HTML 4Page - Exar Corporation XR-2211A Datasheet HTML 5Page - Exar Corporation XR-2211A Datasheet HTML 6Page - Exar Corporation XR-2211A Datasheet HTML 7Page - Exar Corporation XR-2211A Datasheet HTML 8Page - Exar Corporation XR-2211A Datasheet HTML 9Page - Exar Corporation XR-2211A Datasheet HTML 10Page - Exar Corporation Next Button 

XR-2211A Product details

GENERAL DESCRIPTION

The XR-2211A is a monolithic phase-locked loop (PLL) system especially designed for data communications applications. It is particularly suited for FSK modem applications. It operates over a wide supply voltage range of 4.5 to 20V and a wide frequency range of 0.01Hz to 300kHz.



FEATURES

Wide Frequency Range, 0.01Hz to 300kHz

Wide Supply Voltage Range, 4.5V to 20V

HCMOS/TTL/Logic Compatibility

FSK Demodulation, with Carrier Detection

Wide Dynamic Range, 10mV to 3V rms

Adjustable Tracking Range (+1% to 80%)

Excellent Temp. Stability, 100 ppm/°C, typ.




Similar Part No. - XR-2211A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
More results


Similar Description - XR-2211A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
   FSK DEMODULATOR/TONE DECODER
logo
List of Unclassifed Man...
RC2211 ETC1-RC2211 Datasheet
135Kb / 16P
   FSK Demodulator/Tone Decoder
logo
Exar Corporation
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com