Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B30 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BZT52B30 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BZT52B30
Download  BZT52B30 Download

File Size   299.97 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 350mW, SOD-123 Series Surface Mount Zener Diodes

BZT52B30 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52B30 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BZT52B30
Download  BZT52B30 Click to download

File Size   299.97 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 350mW, SOD-123 Series Surface Mount Zener Diodes

BZT52B30 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

BZT52B30 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZT52B30 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZT52B30 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - BZT52B30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B30 TSC-BZT52B30 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Bruckewell Technology L...
BZT52B30 BWTECH-BZT52B30 Datasheet
510Kb / 5P
   Surface mount zener diode
logo
Weitron Technology
BZT52B30 WEITRON-BZT52B30 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZT52B30 VISHAY-BZT52B30 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Shenzhen Taychipst Elec...
BZT52B30 TAYCHIPST-BZT52B30 Datasheet
2Mb / 3P
   Small Signal Diode
More results


Similar Description - BZT52B30

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMSZ52XXB SECOS-MMSZ52XXB Datasheet
465Kb / 3P
   500mW, SOD-123 Series Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
TAITRON Components Inco...
MMBZ5225B TAITRON-MMBZ5225B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
UN Semiconducctor INC
BZT52BXX UNSEMI-BZT52BXX Datasheet
2Mb / 6P
   SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZT52CXX UNSEMI-BZT52CXX Datasheet
2Mb / 6P
   SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
MMSZ52XXB UNSEMI-MMSZ52XXB Datasheet
2Mb / 6P
   SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Rectron Semiconductor
BAV35W RECTRON-BAV35W Datasheet
1Mb / 4P
   350mW SOD-123 Fast Switching Diode
BAV35WV RECTRON-BAV35WV Datasheet
1Mb / 4P
   350mW SOD-123 Fast Switching Diode
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com