Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C24 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BZX84C24 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BZX84C24
Download  BZX84C24 Download

File Size   453.6 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes

BZX84C24 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C24 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BZX84C24
Download  BZX84C24 Click to download

File Size   453.6 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes

BZX84C24 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

BZX84C24 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX84C24 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZX84C24 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH

BZX84C24 Product details

FEATURES

● Planar Die Construction

● 350mW Power Dissipation on FR-5 PCB

● General Purpose, Medium Current

● Ideally Suited for Automated Assembly Process



 




Similar Part No. - BZX84C24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C24 VISHAY-BZX84C24 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
GUANGDONG HOTTECH INDUS...
BZX84C24 HOTTECH-BZX84C24 Datasheet
289Kb / 3P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX84C24 TSC-BZX84C24 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Central Semiconductor C...
BZX84C24 CENTRAL-BZX84C24 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
AiT Semiconductor Inc.
BZX84C24 AITSEMI-BZX84C24 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Similar Description - BZX84C24

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
   300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
BZX84CXXXW SECOS-BZX84CXXXW Datasheet
58Kb / 2P
   200 mW SOT-323 Series Surface Mount Zener Voltage Regulator Diodes
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
ON Semiconductor
MM5Z20VT1G ONSEMI-MM5Z20VT1G Datasheet
102Kb / 4P
   Zener Voltage Regulators 300 mW SOD??23 Surface Mount
April, 2013 ??Rev. 10
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com