Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5246BS Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MMSZ5246BS Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MMSZ5246BS
Download  MMSZ5246BS Download

File Size   81.6 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200 mW, SOD-323 Series Surface Mount Zener Diodes

MMSZ5246BS Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5246BS Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5246BS
Download  MMSZ5246BS Click to download

File Size   81.6 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200 mW, SOD-323 Series Surface Mount Zener Diodes

MMSZ5246BS Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

MMSZ5246BS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5246BS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5246BS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMSZ5246BS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH

MMSZ5246BS Product details

FEATURES
● Planar Die Construction
● General Purpose Dissipation
● Ideally Suited for Automated Assembly Process




Similar Part No. - MMSZ5246BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5246BS PANJIT-MMSZ5246BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5246BS YEASHIN-MMSZ5246BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5246BS DIODES-MMSZ5246BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Shenzhen Luguang Electr...
MMSZ5246BS LUGUANG-MMSZ5246BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5246BS DIODES-MMSZ5246BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results


Similar Description - MMSZ5246BS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84CXXXW SECOS-BZX84CXXXW Datasheet
58Kb / 2P
   200 mW SOT-323 Series Surface Mount Zener Voltage Regulator Diodes
MM5Z SECOS-MM5Z Datasheet
76Kb / 4P
   100 mW, SOD-523 Series Surface Mount Zener Diodes
logo
ON Semiconductor
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G_11 Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD.923 Surface Mount
June, 2011 ??Rev. 1
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
   Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com