Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5259B Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MMSZ5259B Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MMSZ5259B
Download  MMSZ5259B Download

File Size   465.62 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 500mW, SOD-123 Series Surface Mount Zener Diodes

MMSZ5259B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5259B Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5259B
Download  MMSZ5259B Click to download

File Size   465.62 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 500mW, SOD-123 Series Surface Mount Zener Diodes

MMSZ5259B Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

MMSZ5259B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5259B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5259B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH

MMSZ5259B Product details

FEATURES
• Planar die construction
• 500Mw power dissipation
• General purpose and medium current
• Ideally suited for automated assembly processes

APPLICATIONS
• Zener diode
• Ultra small surface mount package




Similar Part No. - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5259B CHENDA-MMSZ5259B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5259B PANJIT-MMSZ5259B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
TAITRON Components Inco...
MMSZ5259B TAITRON-MMSZ5259B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Diotec Semiconductor
MMSZ5259B DIOTEC-MMSZ5259B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5259B TSC-MMSZ5259B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results


Similar Description - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
   350mW, SOD-123 Series Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com