Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE200A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

P6KE200A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # P6KE200A
Download  P6KE200A Download

File Size   110.25 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS

P6KE200A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE200A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # P6KE200A
Download  P6KE200A Click to download

File Size   110.25 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS

P6KE200A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

P6KE200A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P6KE200A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P6KE200A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH

P6KE200A Product details

FEATURES
* 600 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 A above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension




Similar Part No. - P6KE200A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
P6KE200A FUJI-P6KE200A Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE200A TSC-P6KE200A Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
P6KE200A HUAXINAN-P6KE200A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Motorola, Inc
P6KE200A MOTOROLA-P6KE200A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE200A VISHAY-P6KE200A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Similar Description - P6KE200A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P4KES SECOS-P4KES Datasheet
57Kb / 3P
   Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
   400W Peak Power / 1.0W Steady State 400W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Rectron Semiconductor
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com