Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGL09BD4R7N2B51A0 Datasheet (PDF) - Murata Manufacturing Co., Ltd.

PTGL09BD4R7N2B51A0 Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # PTGL09BD4R7N2B51A0
Download  PTGL09BD4R7N2B51A0 Download

File Size   243.58 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description PTC thermistors lead type 24V

PTGL09BD4R7N2B51A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTGL09BD4R7N2B51A0 Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # PTGL09BD4R7N2B51A0
Download  PTGL09BD4R7N2B51A0 Click to download

File Size   243.58 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description PTC thermistors lead type 24V

PTGL09BD4R7N2B51A0 Datasheet (HTML) - Murata Manufacturing Co., Ltd.

PTGL09BD4R7N2B51A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL09BD4R7N2B51A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL09BD4R7N2B51A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.



Similar Part No. - PTGL09BD4R7N2B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL09BD4R7N2B51A0 MURATA-PTGL09BD4R7N2B51A0 Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
logo
Murata Manufacturing Co...
PTGL09BD4R7N2B51A0 MURATA1-PTGL09BD4R7N2B51A0 Datasheet
403Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL09BD4R7N2B51A0 MURATA1-PTGL09BD4R7N2B51A0 Datasheet
441Kb / 3P
   PTC Thermistors
02/08/2024
PTGL09BD4R7N2B51A0 MURATA1-PTGL09BD4R7N2B51A0_V01 Datasheet
403Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL09BD4R7N2B51A0 MURATA1-PTGL09BD4R7N2B51A0_V02 Datasheet
441Kb / 3P
   PTC Thermistors
02/08/2024
More results


Similar Description - PTGL09BD4R7N2B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL07BD100N2B51A0 MURATA-PTGL07BD100N2B51A0 Datasheet
242Kb / 3P
   PTC thermistors lead type 24V
PTGL09BD3R3N2B51A0 MURATA-PTGL09BD3R3N2B51A0 Datasheet
244Kb / 3P
   PTC thermistors lead type 24V
PTGL09BD3R3N2B51B0 MURATA-PTGL09BD3R3N2B51B0 Datasheet
244Kb / 3P
   PTC thermistors lead type 24V
PTGL07BD6R8N2B51B0 MURATA-PTGL07BD6R8N2B51B0 Datasheet
242Kb / 3P
   PTC thermistors lead type 24V
PTGL07BD6R8N2B51A0 MURATA-PTGL07BD6R8N2B51A0 Datasheet
242Kb / 3P
   PTC thermistors lead type 24V
PTGL09BD2R2N2B51A0 MURATA-PTGL09BD2R2N2B51A0 Datasheet
243Kb / 3P
   PTC thermistors lead type 24V
PTGL09BD4R7N2B51B0 MURATA-PTGL09BD4R7N2B51B0 Datasheet
243Kb / 3P
   PTC thermistors lead type 24V
PTGL07AR4R6H2B51A0 MURATA-PTGL07AR4R6H2B51A0 Datasheet
241Kb / 3P
   PTC thermistors lead type 30V
PTGL07AR220M3P51B0 MURATA-PTGL07AR220M3P51B0 Datasheet
244Kb / 3P
   PTC thermistors lead type 56V
PTGL07BD330N3B51A0 MURATA-PTGL07BD330N3B51A0 Datasheet
243Kb / 3P
   PTC thermistors lead type 32V
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com