Electronic Components Datasheet Search |
|
S2FL8.0CA Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH |
S2FL8.0CA Datasheet (PDF) |
Download Datasheet |
Part # | S2FL8.0CA |
Download | S2FL8.0CA Click to download |
File Size | 311.38 Kbytes |
Page | 4 Pages |
Manufacturer | SECOS [SeCoS Halbleitertechnologie GmbH] |
Direct Link | http://www.secosgmbh.com |
Logo | |
Description | 5V ~ 220V 200W Peak Power Surface Mount TVS |
S2FL8.0CA Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH |
Similar Part No. - S2FL8.0CA |
|
Similar Description - S2FL8.0CA |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |