Electronic Components Datasheet Search |
|
SCG4153S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH |
SCG4153S Datasheet (PDF) |
Download Datasheet |
Part # | SCG4153S |
Download | SCG4153S Click to download |
File Size | 456.91 Kbytes |
Page | 3 Pages |
Manufacturer | SECOS [SeCoS Halbleitertechnologie GmbH] |
Direct Link | http://www.secosgmbh.com |
Logo | |
Description | 0.915 A, 20 V, RDS(on) 570 m(ohm) N Channel Enhancement MOSFET |
SCG4153S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH |
Similar Part No. - SCG4153S |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |