Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS43A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SFS43A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SFS43A
Download  SFS43A Download

File Size   340.48 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 5 V ~ 54V 200W Peak Power TVS

SFS43A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFS43A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SFS43A
Download  SFS43A Click to download

File Size   340.48 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 5 V ~ 54V 200W Peak Power TVS

SFS43A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SFS43A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFS43A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SFS43A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - SFS43A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFS40S19.5L288L-F CDE-SFS40S19.5L288L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFS40S20.5L288L-F CDE-SFS40S20.5L288L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
logo
Z-Communications, Inc
SFS4250A-LF ZCOMM-SFS4250A-LF Datasheet
77Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SFS4250A-LF ZCOMM-SFS4250A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
logo
List of Unclassifed Man...
SFS4410 ETC-SFS4410 Datasheet
1,011Kb / 6P
   Logic N-Channel MOSFET
More results


Similar Description - SFS43A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
   5V ~ 220V 200W Peak Power Surface Mount TVS
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Shindengen Electric Mfg...
ST02-39G1 SHINDENGEN-ST02-39G1 Datasheet
1Mb / 5P
   TVS 3.8A, 200W
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
   200W peak pulse power (tp =8/20μs)
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
   400W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com