![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
9858 - N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT - ETC |
|
Click Here View 9858 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STGF7NB60SL | N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT | STMicroelectronics |
| STGF10NB60SD | N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT | STMicroelectronics |
| STGP7NC60HD | N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT | STMicroelectronics |
| STGF20NB60S | N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT | STMicroelectronics |
| STGP14NC60KD | N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT | STMicroelectronics |
| STGP10NC60KD | N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT | STMicroelectronics |
| STGD3NB60H | N-CHANNEL 3A - 600V TO-252 PowerMESH IGBT | STMicroelectronics |
| STGP3NB60H | N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT | STMicroelectronics |
| STGP3NB60HD | N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT | STMicroelectronics |
| STGW50NB60H | N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT | STMicroelectronics |
Link URL |
|
|
Related keyword |
| 9858 Datasheet | 9858 Cross Reference | 9858 Schematic | 9858 Distributor | 9858 Datenblatt | 9858 RoHS |
| 9858 Equivalent | 9858 Application Notes | 9858 Data Sheet | 9858 component | 9858 Fiche Technique | 9858 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |