Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX130 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

MBRX130 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # MBRX130
Download  MBRX130 Download

File Size   175.14 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

MBRX130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRX130 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRX130
Download  MBRX130 Click to download

File Size   175.14 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

MBRX130 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

MBRX130 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRX130 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd

MBRX130 Product details

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 20A Peak
● For Use in Low Voltage Application
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O

Mechanical Data
● Case: SOD-123, Molded Plastic
● Terminals: Solder Plated, Solderable
   per MIL-STD-750, Method 2026
● Polarity: Cathode Band or Cathode Notch
● Marking: Type Number
● Weight: 0.01 grams (approx.)
● Lead Free: For RoHS / Lead Free Version




Similar Part No. - MBRX130

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX130 MCC-MBRX130 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
SHIKUES Electronics
MBRX130 SKTECHNOLGY-MBRX130 Datasheet
433Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBRX130 MCC-MBRX130 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Shanghai Leiditech Elec...
MBRX130 LEIDITECH-MBRX130 Datasheet
657Kb / 5P
   Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates Compliant. See ordering information)
logo
Galaxy Semi-Conductor H...
MBRX130 BILIN-MBRX130 Datasheet
225Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - MBRX130

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK14 ZSELEC-SK14 Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBRX0520 ZSELEC-MBRX0520 Datasheet
175Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB160M-60 SUNMATE-RB160M-60 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
SS12 WTE-SS12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK12 WTE-SK12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5817W SEMTECH_ELEC-1N5817W Datasheet
241Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
X10 ZSELEC-X10 Datasheet
158Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com