Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5221BG Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

MMSZ5221BG Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # MMSZ5221BG
Download  MMSZ5221BG Download

File Size   393.63 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 500mW SURFACE MOUNT ZENER DIODE

MMSZ5221BG Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5221BG Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # MMSZ5221BG
Download  MMSZ5221BG Click to download

File Size   393.63 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 500mW SURFACE MOUNT ZENER DIODE

MMSZ5221BG Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

MMSZ5221BG Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MMSZ5221BG Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MMSZ5221BG Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd

MMSZ5221BG Product details

Features
• Planar Die Construction
• Sealed Glass Case
• Ideally Suited for Automated Insertion
• 2.4V - 43V Nominal Zener Voltages

Mechanical Data
• Terminals: Solderable per MIL-STD-202, Method 208
• Case: SOD-123, Molded Plastic
• Polarity: Cathode Band
• Approx. Weight: 0.01 grams
• Lead Free: For RoHS / Lead Free Version




Similar Part No. - MMSZ5221BG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5221B PANJIT-MMSZ5221B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Nanjing International G...
MMSZ5221B DGNJDZ-MMSZ5221B Datasheet
535Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
logo
Guangdong Kexin Industr...
MMSZ5221B KEXIN-MMSZ5221B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
Micro Commercial Compon...
MMSZ5221B MCC-MMSZ5221B Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
logo
Frontier Electronics.
MMSZ5221B FRONTIER-MMSZ5221B Datasheet
146Kb / 2P
   ZENER DIODES
More results


Similar Description - MMSZ5221BG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com