Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z6V8 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

MM3Z6V8 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # MM3Z6V8
Download  MM3Z6V8 Download

File Size   290.69 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 300mW Silicon Planar Zener Diodes

MM3Z6V8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z6V8 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # MM3Z6V8
Download  MM3Z6V8 Click to download

File Size   290.69 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 300mW Silicon Planar Zener Diodes

MM3Z6V8 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

MM3Z6V8 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MM3Z6V8 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MM3Z6V8 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd

MM3Z6V8 Product details

Features
• Total power dissipation : max. 300 mW
• Small plastic package suitable for surface mounted design
• Tolerance approximately ± 5%




Similar Part No. - MM3Z6V8

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z6V8 DIOTEC-MM3Z6V8 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z6V8 EIC-MM3Z6V8 Datasheet
140Kb / 2P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
MM3Z6V8 LUGUANG-MM3Z6V8 Datasheet
1Mb / 3P
   300mW Surface Mount Zener Diode
Revision:20211201-P1
logo
Weitron Technology
MM3Z6V8 WEITRON-MM3Z6V8 Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM3Z6V8 YFWDIODE-MM3Z6V8 Datasheet
507Kb / 3P
   Silicon Planar Zener Diodes
More results


Similar Description - MM3Z6V8

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BZX84 DAESAN-BZX84 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
TAITRON Components Inco...
BZX84C2V4 TAITRON-BZX84C2V4 Datasheet
153Kb / 5P
   300mW Surface Mount Zener Diodes
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com