Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ33CA Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMDJ33CA Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMDJ33CA
Download  SMDJ33CA Download

File Size   340.59 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3000W Peak Power Surface Mount TVS

SMDJ33CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDJ33CA Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMDJ33CA
Download  SMDJ33CA Click to download

File Size   340.59 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3000W Peak Power Surface Mount TVS

SMDJ33CA Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SMDJ33CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMDJ33CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMDJ33CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMDJ33CA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - SMDJ33CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ33CA MDE-SMDJ33CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ33CA JUXING-SMDJ33CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
WeEn Semiconductors
SMDJ33CA WEEN-SMDJ33CA Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
logo
Littelfuse
SMDJ33CA LITTELFUSE-SMDJ33CA Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
Taiwan Semiconductor Co...
SMDJ33CA TSC-SMDJ33CA Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
More results


Similar Description - SMDJ33CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com