Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z13 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

MM1Z13 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # MM1Z13
Download  MM1Z13 Download

File Size   388.91 Kbytes
Page   4 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 500mW Silicon Planar Zener Diodes

MM1Z13 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1Z13 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # MM1Z13
Download  MM1Z13 Click to download

File Size   388.91 Kbytes
Page   4 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 500mW Silicon Planar Zener Diodes

MM1Z13 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

MM1Z13 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MM1Z13 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MM1Z13 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd MM1Z13 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd

MM1Z13 Product details

Features
• Total power dissipation: max. 500 mW
• Small plastic package suitable for
   surface mounted design
• Tolerance approximately ± 5%




Similar Part No. - MM1Z13

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z13 EIC-MM1Z13 Datasheet
108Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
MM1Z13 SEMTECH_ELEC-MM1Z13 Datasheet
272Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z13 HTSEMI-MM1Z13 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
MM1Z13 CHENDA-MM1Z13 Datasheet
890Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z13 DGNJDZ-MM1Z13 Datasheet
1Mb / 4P
   Silicon Planar Zener Diodes
More results


Similar Description - MM1Z13

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ZMM5221B ZSELEC-ZMM5221B Datasheet
115Kb / 3P
   500mW Silicon Planar Zener Diodes
logo
Guangdong Juxing Electr...
MMSZXVXCW JUXING-MMSZXVXCW Datasheet
376Kb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ5221BW JUXING-MMSZ5221BW Datasheet
1Mb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ JUXING-MMSZ Datasheet
718Kb / 3P
   500mW Silicon Planar Zener Diodes
logo
Surge Components
SL5225 SURGE-SL5225 Datasheet
82Kb / 2P
   SILICON PLANAR ZENER DIODES, 500mW,MINIMELF PACKAGE
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com